Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4976 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4976
Description  High-Definition CRT Display Video Output Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4976 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4976 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4976 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4976 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4976 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4976 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA1875 / 2SC4976
No.5507-3/5
ITR04480
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
1.0
5
3
2
3
7
2
10
2
73
5
3
7
2
7
--1.0
--10
--100
2
5
2SA1875
f=1MHz
ITR04481
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
1.0
5
3
2
3
7
2
10
2
73
5
3
7
2
7
1.0
10
100
2
5
2SC4976
f=1MHz
hFE -- IC
Collector Current, IC -- mA
IT03433
hFE -- IC
Collector Current, IC -- mA
IT03434
IT03437
IT03438
VCE(sat) -- IC
Collector Current, IC -- mA
VBE(sat) -- IC
Collector Current, IC -- mA
VBE(sat) -- IC
Collector Current, IC -- mA
IT03435
VCE(sat) -- IC
Collector Current, IC -- mA
IT03436
35
7
--10
--100
3
2
23
5
7
5
10
2
5
3
5
7
100
2
3
2SA1875
VCE= --10V
Ta=75
°C
25
°C
--25°C
35
7
10
100
3
2
23
5
7
5
10
2
5
3
5
7
100
2
3
2SC4976
VCE=10V
Ta=75
°C
25
°C
--25
°C
7
5
3
2
1.0
2
3
5
0.1
7
5
3
2
--1.0
2
3
5
--0.1
2
37
55
7
35
2
3
--10
--100
2SA1875
IC / IB=10
75°C
Ta= --25°C
10
100
2
37
55
7
35
2
3
2SC4976
IC / IB=10
35
7
--10
--100
3
2
23
5
7
5
--0.1
7
2
3
5
7
--1.0
2
5
7
0.1
2
3
5
7
1.0
2
3
2SA1875
IC / IB=10
Ta=75
°C
--25°
C
35
7
10
100
3
2
23
5
7
5
2SC4976
IC / IB=10
25°C
Ta=75
°C
--25
°C
25°C
25
°C
75°C
Ta= --25°C
25
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com