Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5564 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5564
Description  DC/DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5564 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5564 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5564 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5564 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5564 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5564 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2011/2SC5564
No.6305–3/5
--1000
--100
2
3
5
7
2
3
5
7
--10
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
VCE(sat) -- IC
IT00122
Ta=75
°C
25
°C
--25
°C
2SA2011
IC / IB=50
1000
100
2
3
5
7
2
3
5
7
10
0.01
0.1
23
5
7
2
3
5 7
23
5
7
1.0
10
VCE(sat) -- IC
IT00124
Ta=75
°C
25
°C
--2
5°
C
2SC5564
IC / IB=50
VBE(sat) -- IC
10
1.0
0.1
0.01
0.1
1.0
10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SC5564
IC / IB=50
IT00126
VBE(sat) -- IC
--10
--1.0
--0.1
--0.01
--0.1
--1.0
--10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SA2011
IC / IB=50
IT00125
1000
100
2
3
5
7
2
3
5
7
10
5
7
0.01
0.1
23
5
7
2
3
5 7
23
5
7
1.0
10
VCE(sat) -- IC
IT00123
Ta=75
°C
25
°C
--25
°C
2SC5564
IC / IB=20
--1000
--100
2
3
5
7
2
3
5
7
5
7
--10
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
VCE(sat) -- IC
IT00121
Ta=75
°C
25
°C
--25
°C
2SA2011
IC / IB=20
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25
7
3
25
7
--1.0
hFE -- IC
IT00119
Ta=75
°C
25
°C
--25
°C
2SA2011
VCE=--2V
1000
100
7
5
3
2
7
5
3
2
10
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
hFE -- IC
IT00120
Ta=75
°C
25
°C
--25
°C
2SC5564
VCE=2V
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com