Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5567 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5567
Description  DC/DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5567 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5567 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5567 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5567 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5567 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5567 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2014/2SC5567
No.6321–3/5
1000
100
2
3
5
7
2
3
5
7
10
5
7
0.01
0.1
23
5 7
2
3
5 7
2
3
5
7
1.0
10
VCE(sat) -- IC
IT00178
1000
100
2
3
5
7
2
3
5
7
10
5
7
0.01
0.1
23
5
7
2
3
5 7
2
3
5
7
1.0
10
VCE(sat) -- IC
Ta
=75
°C
--25
°C
IT00179
2SC5567
IC / IB=50
VBE(sat) -- IC
10000
1000
0.01
0.1
1.0
10
Ta=--25°C
25
°C
75°C
7
5
3
2
7
5
3
2
100
23
5
7
2
3
5
7
2
3
5
7
2SC5567
IC / IB=50
IT00181
VBE(sat) -- IC
--10000
--1000
--100
--0.01
--0.1
--1.0
--10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5 7
2
3
5 7
2SA2014
IC / IB=50
IT00180
--1000
--100
2
3
5
7
2
3
5
7
5
7
--10
--0.01
--0.1
23
5 7
2
3
5 7
2
3
5
7
--1.0
--10
VCE(sat) -- IC
IT00177
Ta=75
°C
--25
°C
2SA2014
IC / IB=50
--1000
--100
2
3
5
7
2
3
5
7
5
7
--10
--0.01
--0.1
23
5
7
2
3
5
7
23
5 7
--1.0
--10
VCE(sat) -- IC
IT00176
Ta=75
°C
--25
°C
2SA2014
IC / IB=20
Ta=75
°C
25
°C
--25
°C
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25
7
3
25 7
--1.0
hFE -- IC
2SA2014
VCE=--2V
IT00174
Ta=75
°C
25
°C
--25
°C
1000
100
10
7
5
3
2
7
5
3
2
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
hFE -- IC
2SC5567
VCE=2V
IT00175
25
°C
Ta
=7
5°
C
--25
°C
2SC5567
IC / IB=20
25
°C
25
°C
25
°C
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com