Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5568 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5568
Description  DC/DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5568 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5568 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5568 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5568 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5568 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5568 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2015/2SC5568
No.6308–3/5
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
--1000
7
5
3
2
7
5
3
2
--100
--10
VCE(sat) -- IC
IT00195
Ta
=7
5°
C
25
°C
--25°
C
2SA2015
IC / IB=50
VBE(sat) -- IC
--10
--1.0
--0.1
--0.01
--0.1
--1.0
--10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SA2015
IC / IB=50
IT00198
10
1.0
0.1
0.01
0.1
1.0
10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5
7
2
3
5
7
2
3
5
7
2SC5568
IC / IB=50
VBE(sat) -- IC
IT00199
0.01
0.1
23
5
7
2
3
5 7
23
5
7
1.0
10
1000
7
5
3
2
7
5
3
2
100
10
VCE(sat) -- IC
IT00197
Ta
=7
5°
C
25
°C
--25
°C
2SC5568
IC / IB=50
1000
100
2
3
5
7
2
3
5
7
10
2
3
5
7
1.0
0.01
0.1
23
5
7
2
3
5 7
23
5
7
1.0
10
VCE(sat) -- IC
Ta=75
°C
25
°C
--25
°C
IT00196
2SC5568
IC / IB=20
--1000
--100
2
3
5
7
2
3
5
7
--10
2
3
5
7
--1.0
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
VCE(sat) -- IC
Ta=75
°C
25
°C
--25
°C
IT00194
2SA2015
IC / IB=20
Ta=75
°C
25
°C
--25
°C
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25
7
3
25
7
--1.0
hFE -- IC
2SA2015
VCE=--2V
IT00192
1000
100
7
5
3
2
7
5
3
2
10
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
hFE -- IC
Ta=75
°C
--25
°C
25
°C
2SC5568
VCE=2V
IT00193
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com