Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA608 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA608
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA608 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA608 Datasheet HTML 1Page - Sanyo Semicon Device 2SA608 Datasheet HTML 2Page - Sanyo Semicon Device 2SA608 Datasheet HTML 3Page - Sanyo Semicon Device 2SA608 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA608N/2SC536N
No.6324–2/4
Continued on preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
6
)
–
(
=
C
A
m
0
1
)
–
(
=0
0
2z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
6
)
–
(
=
0
.
3F
p
)
5
.
4
(F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV E
C
)
t
a
s
(IC
I
,
A
m
0
0
1
)
–
(
=
B
A
m
0
1
)
–
(
=3
.
0
)
–
(V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV E
B
)
t
a
s
(IC
I
,
A
m
0
0
1
)
–
(
=
B
A
m
0
1
)
–
(
=0
.
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
)
–
(
=
E 0
=0
6
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
–
(
=
E
B =∞
0
5
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
)
–
(
=
C 0
=6
)
–
(V
--16
--12
--8
--4
0
0
--10
--20
--30
--40
--50
IC -- VCE
--50
µA
--45
µA
--40µ
A
--35µ
A
--30µ
A
--25µA
--20µA
--15µA
--10µA
--5
µA
50µA
45µA
40µA
35µA
30µA
25µA
20
µA
15
µA
10
µA
5
µA
IB=0
2SA608N
IT00496
20
16
12
8
4
0
010
20
30
40
50
IC -- VCE
IB=0
2SC536N
IT00497
--240
--200
--160
--120
--80
--40
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IC -- VBE
IT00498
2SA608N
VCE=--6V
2SA608N
VCE=--6V
240
200
160
120
80
40
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IC -- VBE
IT00499
2SC536N
VCE=6V
1000
100
7
5
3
2
7
5
3
2
10
--0.1
3
25
--1000
--1.0
73
25 7
3
25 7
3
25 7
--10
--100
hFE -- IC
IT00500
Ta=75
°C
25
°C
--25
°C
1000
100
7
5
3
2
7
5
3
2
10
0.1
3
25
1000
1.0
73
25 7
3
25 7
3
25 7
10
100
hFE -- IC
IT00501
Ta=75
°C
25
°C
--25
°C
2SC536N
VCE=6V
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –mA
Collector Current, IC –mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com