Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1142 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SB1142
Description  50V/2.5A High-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB1142 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SB1142 Datasheet HTML 1Page - Sanyo Semicon Device 2SB1142 Datasheet HTML 2Page - Sanyo Semicon Device 2SB1142 Datasheet HTML 3Page - Sanyo Semicon Device 2SB1142 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2SB1142

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
20V/5A Switching Applications
logo
Micro Commercial Compon...
2SB1140-R MCC-2SB1140-R Datasheet
116Kb / 2P
PNP Plastic-Encapsulate Transistors
2SB1140-R MCC-2SB1140-R Datasheet
241Kb / 2P
PNP Plastic-Encapsulate Transistors
2SB1140-R MCC-2SB1140-R_13 Datasheet
241Kb / 2P
PNP Plastic-Encapsulate Transistors
2SB1140-S MCC-2SB1140-S Datasheet
116Kb / 2P
PNP Plastic-Encapsulate Transistors
More results

Similar Description - 2SB1142

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
logo
Sanyo Semicon Device
2SC6082 SANYO-2SC6082 Datasheet
46Kb / 4P
50V / 15A High-Speed Switching Applications
logo
Toshiba Semiconductor
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com