Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-PB3-CLX-RLL Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SST-PB3-CLX-RLL
Description  BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link Library
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SST-PB3-CLX-RLL Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SST-PB3-CLX-RLL Datasheet HTML 1Page - Molex Electronics Ltd. SST-PB3-CLX-RLL Datasheet HTML 2Page - Molex Electronics Ltd. SST-PB3-CLX-RLL Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120160018
Status:
Active
Description:
BradCommunications™ SST™ PROFIBUS Scanner for Allen-Bradley ControlLogix,
includes Remote Link Library
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112016
Approvals
CE, Class 1 Division 2
Communication Speed
12 Mbps
Mounting Style
N/A
Product Name
SST™
Protocol
Profibus* DP
Type
PLC Module
Physical
Channels
1
Interface
Profibus*
Network Connection Type
Profibus* D-Sub Female (9 pin)
Packaging Type
Carton
Processor
Freescale MCF5772
Temperature Range - Operating
0°C to +60°C
Electrical
Current - Maximum Input
5.5W
EMC
EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN
61000-6-2
Supply Voltage
N/A
Material Info
Old Part Number
SST-PB3-CLX-RLL
Reference - Drawing Numbers
Sales Drawing
E-112016-0018
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112016Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SST-PB3-CLX-RLL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SST-PB3-CLX-DTM MOLEX11-SST-PB3-CLX-DTM Datasheet
1Mb / 3P
BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link
SST-PB3-CLX-DTS MOLEX11-SST-PB3-CLX-DTS Datasheet
1Mb / 3P
BradCommunications SST CommDTM software update driver license for PROFIBUS Scanner
More results

Similar Description - SST-PB3-CLX-RLL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120005030 MOLEX11-1120005030 Datasheet
409Kb / 3P
BradCommunications Direct-Link PCU-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
1120340021 MOLEX11-1120340021 Datasheet
487Kb / 3P
SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30
1120005033 MOLEX11-1120005033 Datasheet
844Kb / 3P
BradCommunications Direct-Link PCIE-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
1120340026 MOLEX11-1120340026 Datasheet
487Kb / 3P
SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30 with Cable Kit
1120160019 MOLEX11-1120160019 Datasheet
1Mb / 3P
BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link
1120780001 MOLEX11-1120780001 Datasheet
2Mb / 3P
BradCommunications SST 4 Serial ports PLC communications module for Allen- Bradley ControlLogix
1120160020 MOLEX11-1120160020 Datasheet
1Mb / 3P
BradCommunications SST CommDTM software update driver license for PROFIBUS Scanner
logo
Prosoft-Technology
ILX56-PBS PROSOFT-ILX56-PBS Datasheet
327Kb / 2P
PROFIBUS DPV1 Slave for ControlLogix
logo
Molex Electronics Ltd.
1120160030 MOLEX-1120160030 Datasheet
2Mb / 2P
SST??PB3M-CPX Master Modules for PROFIBUS*
2015.11
logo
NHP Electrical Engineer...
1756-DNB NHP-1756-DNB Datasheet
529Kb / 2P
CONTROLLOGIX DNET SCANNER MODULE
8 June 2023,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com