Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-ESR2-CLX-RLL Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SST-ESR2-CLX-RLL
Description  BradCommunications SST 1 Ethernet and 2 Serial ports PLC communications module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SST-ESR2-CLX-RLL Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SST-ESR2-CLX-RLL Datasheet HTML 1Page - Molex Electronics Ltd. SST-ESR2-CLX-RLL Datasheet HTML 2Page - Molex Electronics Ltd. SST-ESR2-CLX-RLL Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120730001
Status:
Active
Description:
BradCommunications™ SST™ 1 Ethernet and 2 Serial ports PLC communications
module for Allen-Bradley ControlLogix, includes Remote Link Library feature
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112073
Approvals
CE, Class 1 Division 2
Communication Speed
Ethernet: 10/100 Mbps, Serial: 2,400 to 115,200 bps
Mounting Style
N/A
Product Name
SST™
Protocol
N/A
Type
PLC Module
Physical
Channels
3
Interface
Ethernet - Serial
Network Connection Type
Ethernet: RJ45, Serial: D-Sub Male (9 pin)
Packaging Type
Carton
Processor
Freescale MCF5772
Temperature Range - Operating
0°C to +60°C
Electrical
Current - Maximum Input
5.5W
EMC
EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN
61000-6-2
Supply Voltage
N/A
Material Info
Old Part Number
SST-ESR2-CLX-RLL
Reference - Drawing Numbers
Sales Drawing
E-112073-0001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112073Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SST-ESR2-CLX-RLL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SST-EDN-1 MOLEX11-SST-EDN-1 Datasheet
487Kb / 3P
SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30
SST-EDN-1-C2 MOLEX11-SST-EDN-1-C2 Datasheet
487Kb / 3P
SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30 with Cable Kit
SST-ENM-DN1 MOLEX11-SST-ENM-DN1 Datasheet
350Kb / 3P
eNetMeter DN diagnostic tool for DeviceNet
More results

Similar Description - SST-ESR2-CLX-RLL

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Advantech Co., Ltd.
ARK-3381 ADVANTECH-ARK-3381 Datasheet
375Kb / 2P
Seven Serial Ports and 2 Printer Ports, Compact System
logo
Molex Electronics Ltd.
1120160019 MOLEX11-1120160019 Datasheet
1Mb / 3P
BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link
1120780001 MOLEX11-1120780001 Datasheet
2Mb / 3P
BradCommunications SST 4 Serial ports PLC communications module for Allen- Bradley ControlLogix
1120160020 MOLEX11-1120160020 Datasheet
1Mb / 3P
BradCommunications SST CommDTM software update driver license for PROFIBUS Scanner
logo
Axiomtek Co., Ltd.
SBC87842 AXIOMTEK-SBC87842 Datasheet
335Kb / 1P
2 Gigabit Ethernet ports and 2 USB 2.0 ports
logo
Moxa Inc.
MB3170 MOXA-MB3170 Datasheet
1Mb / 6P
1 and 2-port advanced serial-to-Ethernet Modbus gateways
MB3180 MOXA-MB3180 Datasheet
1Mb / 5P
1, 2, and 4-port standard serial-to-Ethernet Modbus gateways
logo
Schneider Electric
BMXNOR0200H SCHNEIDER-BMXNOR0200H Datasheet
90Kb / 3P
Ethernet / Serial RTU module - 2 x RJ45
Aug 10, 2019
logo
Molex Electronics Ltd.
1120730003 MOLEX-1120730003 Datasheet
34Kb / 1P
SST ETH/SER In Chassis Module for Rockwell Automation ControlLogix, Ethernet (Modbus TCPSiemens) Serial Modbus, 1 ETH 2 SER Channels,Conformal Coated
11/22/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com