Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3552 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC3552
Description  For Switching Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3552 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC3552 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3552 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3552 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC3552

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC3552 WINGS-2SC3552 Datasheet
80Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
logo
Inchange Semiconductor ...
2SC3552 ISC-2SC3552 Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC3552 NJSEMI-2SC3552 Datasheet
73Kb / 1P
SI NPN POWER BJT, I(C) = 10A TO 19.9A
More results

Similar Description - 2SC3552

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3038 SANYO-2SC3038 Datasheet
97Kb / 3P
For Switching Regulators
2SC3039 SANYO-2SC3039 Datasheet
96Kb / 3P
For Switching Regulators
2SC3086 SANYO-2SC3086 Datasheet
94Kb / 3P
For Switching Regulators
2SC3089 SANYO-2SC3089 Datasheet
95Kb / 3P
For Switching Regulators
2SC3277 SANYO-2SC3277 Datasheet
97Kb / 3P
For Switching Regulators
2SC3446 SANYO-2SC3446 Datasheet
92Kb / 3P
For Switching Regulators
2SC3447 SANYO-2SC3447 Datasheet
92Kb / 3P
For Switching Regulators
2SC3448 SANYO-2SC3448 Datasheet
94Kb / 3P
For Switching Regulators
2SC3451 SANYO-2SC3451 Datasheet
93Kb / 3P
For Switching Regulators
2SC3456 SANYO-2SC3456 Datasheet
96Kb / 3P
For Switching Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com