Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1120000005 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1120000005
Description  applicom PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI 3.3/ 5V bus, RoHS compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120000005 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1120000005 Datasheet HTML 1Page - Molex Electronics Ltd. 1120000005 Datasheet HTML 2Page - Molex Electronics Ltd. 1120000005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
applicom® Ethernet PCU2000ETH
Best choice for SCADA/HMI applications
Overview
applicom
® is a range of intelligent communication solutions, complete and ready to use
covering more than 40 protocols among a wide choice of industrial networks and fieldbuses:
Ethernet TCP/IP, Profibus, Modbus Plus, Data Highway Plus, WorldFIP and Serial Links.
These solutions connect your PC-based applications (HMI, SCADA, MES, custom
applications) to industrial equipment (programmable controller, I/O modules, devices...).
Thanks to applicom
® smart built-in processor technology - each interface card is able to
execute all management and the processing (polling, frame management, etc.) of
communications protocols, resulting in extremely fast, efficient application performance.
The applicom
® software package includes:
Graphical configuration software.
Test and network diagnostic tools.
Data servers
OPC DA v1.0a, v2.05 and v3.0 (including an OPC client with its source code)
Wonderware I/O Server (DAServer, DDE, FastDDE, SuiteLink)
Development libraries
DLL Library
MS Visual Studio (.NET/C#/VB/C++/C), Borland Delphi
National Instruments (LabWindows CVI, LabVIEW/VI)
- Configuration Software -
- OPC Server -
Connect your applications to industrial networks through
Ethernet messaging.
Features
• RoHS compliant
• All protocols included in the
package
• Free full technical support during
2 years of hardware warranty
• On-board processor eliminates data
bottle necks, ensuring delivery of
time critical information
• Certified with over 50 major
SCADA/HMI packages
• Fast Ethernet 10/100, RJ-45 Port
• COMBO Offer =
Ethernet + Profibus 1.5Mbps
or
Ethernet + Serial 38.4Kbps
• Simultaneously run all TCP/IP
protocols in Client/Server modes
• Redundancy feature via OPC Server
• Win32 NDIS driver (using applicom®
interface as a standard Ethernet
card)
• Onboard internal data base
(32 Kwords + 32 Kbits)
Supported OS
Standard package
• Windows 32-bit (Vista / XP / 2003
Server)
Free Download
• Windows XP Embedded, VenturCom
RTX, VxWorks, QNX, Linux, DOS
Compatible with
• Altus
• GE Fanuc
• Mitsubishi Electric Automation
• Omron
• Rockwell Automation
• Schneider Electric
• Siemens
applicom
®
Universal PCI 3.3V / 5V Card
20 Aug. 09
DW2005101



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com