Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5014272000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5014272000
Description  0.50mm (.020") Pitch Shielded Double I/O PCB Socket Right Angle, SMT, Reverse Mount, Lead-free
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5014272000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5014272000 Datasheet HTML 1Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 2Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 3Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 4Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 5Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-501427-001, RPS-501427-001, RPS-501427-004
Sales Drawing
SD-501427-001, SD-501427-002
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com