Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT05VG2 Datasheet(PDF) 13 Page - BeRex Corporation

Part # BT05VG2
Description  1500-4000 MHz Wideband Drive Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05VG2 Datasheet(HTML) 13 Page - BeRex Corporation

Back Button BT05VG2 Datasheet HTML 5Page - BeRex Corporation BT05VG2 Datasheet HTML 6Page - BeRex Corporation BT05VG2 Datasheet HTML 7Page - BeRex Corporation BT05VG2 Datasheet HTML 8Page - BeRex Corporation BT05VG2 Datasheet HTML 9Page - BeRex Corporation BT05VG2 Datasheet HTML 10Page - BeRex Corporation BT05VG2 Datasheet HTML 11Page - BeRex Corporation BT05VG2 Datasheet HTML 12Page - BeRex Corporation BT05VG2 Datasheet HTML 13Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
BeRex
BT05VG2
http: //www.berex.com
Tape & Reel
SOT89
Packaging information:
Tape Width (mm): 12
Reel Size (inches): 7
Device Cavity Pitch (mm): 8
Devices Per Reel: 1000
Lead plating finish
100% Tin Matte finish.
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin
whisker growth concerns)
MSL / ESD Rating
ESD Rating
Value
Test
Standard
MSL Rating
Standard
Class 1B
Passes <1000V
Human Body Model (HBM)
JEDEC Standard JESD22-A114B
Level 1 at +265C convection reflow
JEDEC Standard J-STD-020
NATO CAGE code:
NOTICE
BeRex Corporation reserves the right to make changes of product specification or to
discontinue product at any time without notice.
2
N
9
6
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com