Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT09VG Datasheet(PDF) 3 Page - BeRex Corporation

Part # BT09VG
Description  5-4000 MHz Wideband Medium Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT09VG Datasheet(HTML) 3 Page - BeRex Corporation

  BT09VG Datasheet HTML 1Page - BeRex Corporation BT09VG Datasheet HTML 2Page - BeRex Corporation BT09VG Datasheet HTML 3Page - BeRex Corporation BT09VG Datasheet HTML 4Page - BeRex Corporation BT09VG Datasheet HTML 5Page - BeRex Corporation BT09VG Datasheet HTML 6Page - BeRex Corporation BT09VG Datasheet HTML 7Page - BeRex Corporation BT09VG Datasheet HTML 8Page - BeRex Corporation BT09VG Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BeRex
BT09VG
http: //www.berex.com
Typical Device Data
S-parameters (Vc=5V, Ic=160mA, T=25C)
S-Parameter
(5V/160mA)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
100
0.65
-180.00
16.00
170.00
0.03
2.50
0.30
-170.00
500
0.74
180.00
11.00
130.00
0.03
8.90
0.38
-170.00
1000
0.79
170.00
7.00
98.00
0.03
14.00
0.42
180.00
1500
0.81
150.00
5.00
82.00
0.03
18.00
0.44
170.00
2000
0.83
140.00
3.90
69.00
0.04
19.00
0.46
170.00
2500
0.85
130.00
3.20
57.00
0.04
19.00
0.45
160.00
3000
0.88
120.00
2.80
46.00
0.04
18.00
0.45
150.00
3500
0.92
110.00
2.50
35.00
0.04
14.00
0.48
140.00
4000
0.96
98.00
2.20
23.00
0.05
11.00
0.51
140.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com