Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MD04-059-10 Datasheet(PDF) 1 Page - RMT Ltd.

Part # 1MD04-059-10
Description  Thermoelectric Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MD04-059-10 Datasheet(HTML) 1 Page - RMT Ltd.

  1MD04-059-10 Datasheet HTML 1Page - RMT Ltd. 1MD04-059-10 Datasheet HTML 2Page - RMT Ltd. 1MD04-059-10 Datasheet HTML 3Page - RMT Ltd. 1MD04-059-10 Datasheet HTML 4Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 4
A. TEC Assembly:
Solder SnSb (Tmelt=230°C)
B. Ceramics:
1.Pure Al2O3(100%)
2.Alumina (Al2O3- 96%)
3.Aluminum Nitride (AlN)
100% Al2O3 used as standard
Options available
Performance Parameters
Technical Drawing
Thermoelectric Module Datasheet
RMT Ltd
1MD04-059-XX
Performance data are given at 300K, vacuum
C. Ceramics Surface Options
1. Blank ceramics
2. Metallized:
2.1 Ni / Sn(Bi)
2.2 Gold plating
3. Metallized and pre-tinned:
3.1 Solder 94 (PbSnBi, Tmelt=94°C)
3.2 Solder 117 (In-Sn, Tmelt=117°C)
3.3 Solder 138 (Sn-Bi, Tmelt=138°C)
3.4 Solder 183 (Pb-Sn, Tmelt=183°C)
D. Thermistor (optional)
Can be mounted to cold side
ceramics edge. Calibration
is available.
E. Terminal wires
1. Pre-tinned Copper
2. Insulated Wires
3. Insulated Color Coded
4. Wire Bonding Pads
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
h
mm
1MD04-059-xx (N=59)
1MD04-059-xx (N=59)
1MD04-059-xx (N=59)
1MD04-059-xx (N=59)
1MD04-059-xx (N=59)
1MD04-059-xx (N=59)
1MD04-059-xx (N=59)
1MD04-059-xx (N=59)
1MD04-059-05
70
6.0
1.5
7.2
3.90
1.6
0.5
1MD04-059-08
71
3.9
1.0
7.2
6.13
1.9
0.8
1MD04-059-10
71
3.2
0.8
7.2
7.61
2.1
1.0
1MD04-059-12
72
2.7
0.7
7.2
9.09
2.3
1.2
1MD04-059-15
72
2.2
0.6
7.2
11.31
2.6
1.5


Similar Part No. - 1MD04-059-10

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MD04-059-10 RMT-1MD04-059-10 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results

Similar Description - 1MD04-059-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPE-71-10-08 ETC2-HPE-71-10-08 Datasheet
506Kb / 3P
Thermoelectric module
HPE-288-10-05 ETC2-HPE-288-10-05 Datasheet
583Kb / 3P
Thermoelectric module
HPE-288-10-08 ETC2-HPE-288-10-08 Datasheet
564Kb / 3P
Thermoelectric module
HPE-288-14-06 ETC2-HPE-288-14-06 Datasheet
412Kb / 3P
Thermoelectric module
PE1-7107AC ETC2-PE1-7107AC Datasheet
127Kb / 2P
Thermoelectric module
logo
RMT Ltd.
1MC04-024-05 RMT-1MC04-024-05 Datasheet
250Kb / 4P
Thermoelectric Module
1MC06-012-05 RMT-1MC06-012-05 Datasheet
250Kb / 4P
Thermoelectric Module
1MC04-024-05H RMT-1MC04-024-05H Datasheet
248Kb / 4P
Thermoelectric Module
1MC06-060-05 RMT-1MC06-060-05 Datasheet
250Kb / 4P
Thermoelectric Module
1MC06-105-05 RMT-1MC06-105-05 Datasheet
252Kb / 4P
Thermoelectric Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com