Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65LVEL11DGK Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVEL11DGK
Description  3.3 V ECL 1:2 Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVEL11DGK Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVEL11DGK Datasheet HTML 1Page - Texas Instruments SN65LVEL11DGK Datasheet HTML 2Page - Texas Instruments SN65LVEL11DGK Datasheet HTML 3Page - Texas Instruments SN65LVEL11DGK Datasheet HTML 4Page - Texas Instruments SN65LVEL11DGK Datasheet HTML 5Page - Texas Instruments SN65LVEL11DGK Datasheet HTML 6Page - Texas Instruments SN65LVEL11DGK Datasheet HTML 7Page - Texas Instruments SN65LVEL11DGK Datasheet HTML 8Page - Texas Instruments SN65LVEL11DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AC CHARACTERISTICS
(1)(V
CC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = –3.3 V)
(2)
Typical Termination for Output Driver
Driver
P
N
Receiver
P
N
V
V
=V
-2V
TT
TT
CC
50 W
Z
=50
O
W
Z
=50
O
W
50 W
D
D
Q
Q
t
PHL
t
PLH
SN65LVEL11
SLLS927 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
–40°C
25°C
85°C
CHARACTERISTIC
UNIT
MIN
TYP MAX
MIN
TYP
MAX
MIN
TYP
MAX
fMAX
Max switching frequency(3) See Figure 6
2.9
2.7
2.4
GHz
tPLH/tPHL
Propagation delay to output
235
350
235
350
235
350
ps
Within device skew(4)
10
18
10
18
10
18
ps
tSKEW
Device to device skew(5)
10
25
10
25
10
25
ps
Duty cycle skew(6)
5
15
5
15
5
15
ps
tJITTER
Random clock jitter (RMS)
0.2
0.2
0.2
ps
VPP
Input swing(7)
200
1000
200
1000
200
1000
mV
tr/tf
Output rise/fall times Q (20%–80%)
150
300
150
300
150
300
ps
(1)
Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board
with maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating
temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are
applied individually under normal operating conditions and not valid simultaneously.
(2)
VEE can vary ±0.3 V
(3)
Maximum switching frequency measured at output amplitude of 300 mVpp.
(4)
Within-device skew is defined as identical transitions on similar paths through a device.
(5)
Device-Device Skew is defined as identical transitions at identical Vcc levels.
(6)
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
(7)
VPP(min) is the minimum input swing for which AC parameters are assured.
Figure 1. Termination for Output Driver
Figure 2. Propagation Delay
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVEL11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com