Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2E009 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E009
Description  2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2E009 Datasheet(HTML) 2 Page - Texas Instruments

  TPD2E009 Datasheet HTML 1Page - Texas Instruments TPD2E009 Datasheet HTML 2Page - Texas Instruments TPD2E009 Datasheet HTML 3Page - Texas Instruments TPD2E009 Datasheet HTML 4Page - Texas Instruments TPD2E009 Datasheet HTML 5Page - Texas Instruments TPD2E009 Datasheet HTML 6Page - Texas Instruments TPD2E009 Datasheet HTML 7Page - Texas Instruments TPD2E009 Datasheet HTML 8Page - Texas Instruments TPD2E009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CIRCUIT DIAGRAMS
V
CC
GND
D+
D–
GND
D+
D–
TPD2E009
SLVS953A – JUNE 2009 – REVISED JUNE 2009.............................................................................................................................................................. www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SON – DRY
Tape and reel
TPD2E009DRYR
PREVIEW
–40°C to 85°C
SOP – DBZ
Tape and reel
TPD2E009DBZR
NFLR
SOT– DRT
Tape and reel
TPD2E009DRTR
4T
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
DRY Circuit
DBZ/DRT Circuit
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
DBZ/DRT
DRY(1)
NAME
PIN NO.
PIN NO.
High-speed ESD clamp, provides ESD protection to the high-speed differential
D+, D-
1, 2
4, 6
ESD port
data lines
VCC
–
5
Supply
Power supply
GND
3
3
GND
Ground
(1)
Product Preview
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPD2E009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com