Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1106 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1106 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1106 Datasheet HTML 9Page - Texas Instruments TUSB1106 Datasheet HTML 10Page - Texas Instruments TUSB1106 Datasheet HTML 11Page - Texas Instruments TUSB1106 Datasheet HTML 12Page - Texas Instruments TUSB1106 Datasheet HTML 13Page - Texas Instruments TUSB1106 Datasheet HTML 14Page - Texas Instruments TUSB1106 Datasheet HTML 15Page - Texas Instruments TUSB1106 Datasheet HTML 16Page - Texas Instruments TUSB1106 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.ti.com
APPLICATION INFORMATION
Test Point
D.U.T.
V
+
–
33
500
50 pF
MBL142
Test Point
D.U.T.
MGS968
25 pF
Test Point
D.U.T.
D+/D–
1.5 k
15 k
33
V
PU(3.3)
C
L
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818D – MAY 2006 – REVISED FEBRUARY 2008
Figure 5. Load for Enable and Disable Times
A.
V = 0 V for tPZH, tPHZ
B.
V = Vreg(3.3) for tPZL, tPLZ
Figure 6. Load for VM, VP, and RCV
Figure 7. Load for D+, D–
A.
Full-speed mode: connected to D+
B.
Low-speed mode: Connected to D–
C.
Load capacitance:
•
CL = 50 pF or 125 pF (full-speed mode, minimum or maximum timing)
•
CL = 200 pF or 600 pF (low-speed mode, minimum or maximum timing)
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TUSB1105 TUSB1106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com