Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1106RTZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1106RTZR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1106RTZR Datasheet(HTML) 5 Page - Texas Instruments

  TUSB1106RTZR Datasheet HTML 1Page - Texas Instruments TUSB1106RTZR Datasheet HTML 2Page - Texas Instruments TUSB1106RTZR Datasheet HTML 3Page - Texas Instruments TUSB1106RTZR Datasheet HTML 4Page - Texas Instruments TUSB1106RTZR Datasheet HTML 5Page - Texas Instruments TUSB1106RTZR Datasheet HTML 6Page - Texas Instruments TUSB1106RTZR Datasheet HTML 7Page - Texas Instruments TUSB1106RTZR Datasheet HTML 8Page - Texas Instruments TUSB1106RTZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
Function Selection
Operating Functions
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818D – MAY 2006 – REVISED FEBRUARY 2008
FUNCTION TABLE
SUSPND
OE
D+, D–
RCV
VP, VM
FUNCTION
L
L
Driving and receiving
Active
Active
Normal driving (differential receiver active)
L
H
Receiving(1)
Active
Active
Receiving
H
L
Driving
Inactive(2)
Active
Driving during suspend(3) (differential receiver inactive)
H
H
High-Z(1)
Inactive(2)
Active
Low-power state
(1)
Signal levels on D+ and D– are determined by other USB devices and external pullup/pulldown resistors.
(2)
In suspend mode (SUSPND = HIGH) the differential receiver is inactive and output RCV is always LOW. Out of suspend (K), signaling is
detected via the single-ended receivers VP and VM.
(3)
During suspend, the slew-rate control circuit of low-speed operation is disabled. The D+ and D– lines are still driven to their intended
states, without slew-rate control. This is permitted because driving during suspend is used to signal remote wakeup by driving a K signal
(one transition from idle to K state) for a period of 1 ms to 15 ms.
FUNCTION TABLES
xxx
Driving Function (Pin OE = L)
Using Single-Ended Input Data Interface
for TUSB1105 (Pin MODE = L)
DATA STATE
FSE0
VO
DATA
LOW SPEED
FULL SPEED
L
L
Differential logic 0
J
K
L
H
Differential logic 1
K
J
H
L
SE0
X
X
H
H
SE0
X
X
Driving Function (Pin OE = L)
Using Differential Input Data Interface
for TUSB1105 (Pin MODE = H) and TUSB1106
DATA STATE
VMO
VPO
DATA
LOW SPEED
FULL SPEED
L
L
SE0
X
X
H
L
Differential logic 0
J
K
L
H
Differential logic 1
K
J
H
H
Illegal state
X
X
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TUSB1105 TUSB1106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com