Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Datasheet(HTML) 1 Page - Texas Instruments

  DM3725 Datasheet HTML 1Page - Texas Instruments DM3725 Datasheet HTML 2Page - Texas Instruments DM3725 Datasheet HTML 3Page - Texas Instruments DM3725 Datasheet HTML 4Page - Texas Instruments DM3725 Datasheet HTML 5Page - Texas Instruments DM3725 Datasheet HTML 6Page - Texas Instruments DM3725 Datasheet HTML 7Page - Texas Instruments DM3725 Datasheet HTML 8Page - Texas Instruments DM3725 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 268 page
background image
DM3730, DM3725
www.ti.com
SPRS685 – AUGUST 2010
DM3730, DM3725
Applications Processor
Check for Samples: DM3730, DM3725
1
DM3730, DM3725 Applications Processor
1.1
Features
1234
•
Additional C64x+TM Enhancements
• DM3730/25 Applications Processor:
–
Protected Mode Operation
– Compatible with OMAP™ 3 Architecture
–
Expectations Support for Error
– MPU Subsystem
Detection and Program Redirection
•
Up to 1-GHz ARM CortexTM-A8 Core
–
Hardware Support for Modulo Loop
•
NEON SIMD Coprocessor
Operation
– High Performance Image, Video, Audio
– C64x+TM L1/L2 Memory Architecture
(IVA2.2TM) Accelerator Subsystem
•
32K-Byte L1P Program RAM/Cache
•
Up to 800-MHz TMS320C64x+TM DSP Core
(Direct Mapped)
•
Enhanced Direct Memory Access (EDMA)
•
80K-Byte L1D Data RAM/Cache (2-Way
Controller (128 Independent Channels)
Set- Associative)
•
Video Hardware Accelerators
•
64K-Byte L2 Unified Mapped RAM/Cache
– POWERVR SGX™ Graphics Accelerator
(4- Way Set-Associative)
(DM3730 only)
•
32K-Byte L2 Shared SRAM and 16K-Byte
•
Tile Based Architecture Delivering up to
L2 ROM
20 MPoly/sec
– C64x+TM Instruction Set Features
•
Universal Scalable Shader Engine:
•
Byte-Addressable (8-/16-/32-/64-Bit Data)
Multi-threaded Engine Incorporating Pixel
•
8-Bit Overflow Protection
and Vertex Shader Functionality
•
Bit-Field Extract, Set, Clear
•
Industry Standard API Support:
OpenGLES 1.1 and 2.0, OpenVG1.0
•
Normalization, Saturation, Bit-Counting
•
Fine Grained Task Switching, Load
•
Compact 16-Bit Instructions
Balancing, and Power Management
•
Additional Instructions to Support
•
Programmable High Quality Image
Complex Multiplies
Anti-Aliasing
– External Memory Interfaces:
– Advanced Very-Long-Instruction-Word
•
SDRAM Controller (SDRC)
(VLIW) TMS320C64x+TM DSP Core
–
16, 32-bit Memory Controller With
•
Eight Highly Independent Functional
1G-Byte Total Address Space
Units
–
Interfaces to Low-Power SDRAM
•
Six ALUs (32-/40-Bit); Each Supports
–
SDRAM Memory Scheduler (SMS) and
Single 32- bit, Dual 16-bit, or Quad 8-bit,
Rotation Engine
Arithmetic per Clock Cycle
•
General Purpose Memory Controller
•
Two Multipliers Support Four 16 x 16-Bit
(GPMC)
Multiplies (32-Bit Results) per Clock
–
16-bit Wide Multiplexed Address/Data
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
Bus
Results) per Clock Cycle
–
Up to 8 Chip Select Pins With
•
Load-Store Architecture With
128M-Byte Address Space per Chip
Non-Aligned Support
Select Pin
•
64 32-Bit General-Purpose Registers
–
Glueless Interface to NOR Flash,
•
Instruction Packing Reduces Code Size
NAND Flash (With ECC Hamming
•
All Instructions Conditional
Code Calculation), SRAM and
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POWERVR SGX is a trademark of Imagination Technologies Ltd.
3
OMAP is a trademark of Texas Instruments.
4
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative
Copyright © 2010, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - DM3725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM3725 TI1-DM3725 Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
DM3725 TI-DM3725 Datasheet
2Mb / 280P
Digital Media Processors
DM3725 TI1-DM3725 Datasheet
3Mb / 281P
Digital Media Processors
DM3725 TI1-DM3725 Datasheet
3Mb / 280P
Digital Media Processors
DM3725CBC TI1-DM3725CBC Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
More results

Similar Description - DM3725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5912 TI-OMAP5912 Datasheet
2Mb / 254P
Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 227P
Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
2Mb / 230P
Applications Processor
OMAP3515 TI-OMAP3515_08 Datasheet
3Mb / 262P
Applications Processor
OMAP3530 TI-OMAP3530_08 Datasheet
3Mb / 264P
Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
Multimedia Applications Processor
IMX23EC FREESCALE-IMX23EC Datasheet
422Kb / 2P
i.MX23 Applications Processor
logo
Texas Instruments
OMAP5912 TI1-OMAP5912_16 Datasheet
2Mb / 270P
OMAP5912 Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
Infotainment Applications Processor
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
Infotainment Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com