Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7364IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPWR
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS7364IPWR Datasheet HTML 1Page - Texas Instruments THS7364IPWR Datasheet HTML 2Page - Texas Instruments THS7364IPWR Datasheet HTML 3Page - Texas Instruments THS7364IPWR Datasheet HTML 4Page - Texas Instruments THS7364IPWR Datasheet HTML 5Page - Texas Instruments THS7364IPWR Datasheet HTML 6Page - Texas Instruments THS7364IPWR Datasheet HTML 7Page - Texas Instruments THS7364IPWR Datasheet HTML 8Page - Texas Instruments THS7364IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
R
S-Video
Y’
R
S-Video
C’
R
Y'/G'
R
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SD1OUT
SD2OUT
SD3OUT
DisableSD
GND
Disable FHD
FHD1OUT
FHD2OUT
FHD3OUT
BypassFHD
SD1IN
SD2IN
SD3IN
NC
V
S+
NC
FHD1IN
FHD2IN
FHD3IN
BypassSD
THS7364
Bypass
SDLPF
Bypass
LPF
FHD
P' /B'
B
R
CVBS
P' /R'
R
R
75 W
CVBS
75 W
S-VideoY'Out
75 W
75 W
S-VideoC'Out
75 W
75 W
Y'/G'Out
75 W
75 W
P' /B'Out
B
75 W
75 W
P' /R'Out
R
75 W
75 W
+2.7Vto
+5V
Disable FHD
DisableSD
THS7364
www.ti.com
SBOS530 – AUGUST 2010
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
Check for Samples: THS7364
1
FEATURES
DESCRIPTION
2345
• Three SDTV Video Amplifiers for CVBS,
Fabricated using the revolutionary, complementary
S-Video, Y’/P’B/P’R, 480i/576i, Y’U’V’, or G'B'R'
Silicon-Germanium (SiGe) BiCom3X process, the
THS7364 is a low-power, single-supply, 2.7-V to 5-V,
•
Three Full-HD Selectable Filters for Y’/P’B/P’R,
six-channel integrated video buffer. It incorporates
G’B’R’, or Computer RGB
three SDTV filters and three Full-HD (also known as
•
Bypassable Sixth-Order Low-Pass Filters:
True-HD) HDTV filters. All filters feature bypassable
–
Fixed SD Channels: 9.5-MHz
sixth-order Butterworth characteristics that are useful
as digital-to-analog converter (DAC) reconstruction
–
Fixed Full-HD Channels: 72-MHz
filters
or
as
analog-to-digital
converter
(ADC)
•
Versatile Input Biasing:
anti-aliasing filters.
–
DC-Coupled with 300-mV Output Shift
The THS7364 has flexible input coupling capabilities,
–
AC-Coupled with Sync-Tip Clamp or Bias
and can be configured for either ac- or dc-coupled
•
Built-in 6-dB Gain (2 V/V)
inputs. The 300-mV output level shift allows for a full
sync dynamic range at the output with 0-V input.
•
+2.7-V to +5-V Single-Supply Operation
AC-coupled modes include a transparent sync-tip
•
Rail-to-Rail Output:
clamp for CVBS, Y', and G'B'R' signals. AC-coupled
–
Output Swings within 100 mV from the
biasing for C'/P'B/P'R channels can easily be achieved
Rails: Allows AC or DC Output Coupling
by adding an external resistor to VS+.
–
Supports Driving Two Video Lines/Channel
The THS7364 is an ideal choice for a wide range of
•
Low Total Quiescent Current: 23.4 mA at 3.3 V
video buffer applications. Its rail-to-rail output stage
with 6-dB gain allows for both ac and dc line driving.
•
Disabled Supply Current Function: 0.1 mA
The ability to drive two lines, or 75-
Ω loads, allows for
•
Low Differential Gain/Phase: 0.25%/0.4°
maximum flexibility as a video line driver. The
23.4-mA total quiescent current at 3.3 V and 0.1 mA
APPLICATIONS
(disabled mode) makes it well-suited for systems that
•
Set Top Box Output Video Buffering
must meet power-sensitive Energy Star® standards.
•
PVR/DVDR Output Buffering
The THS7364 is available in a TSSOP-20 package
•
BluRay™ Output Video Buffer
that is lead-free and green (RoHS-compliant).
Figure 1. Single-Supply, DC-Input/DC-Output Coupled Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BluRay is a trademark of Blu-ray Disc Association (BDA).
3
Energy Star is a registered trademark of Energy Star.
4
Macrovision is a registered trademark of Macrovision Corporation.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7364IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7364IPWR TI1-THS7364IPWR Datasheet
1Mb / 49P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
More results

Similar Description - THS7364IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7365 TI-THS7365 Datasheet
1Mb / 53P
6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7373 TI-THS7373_10 Datasheet
1Mb / 50P
4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7372 TI1-THS7372 Datasheet
1Mb / 49P
4-Channel Video Amplifier with One CVBS and Three Full-HD Filters with 6-dB Gain
THS7376 TI-THS7376 Datasheet
3Mb / 61P
4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com