Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5725 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP5725
Description  WHITE LED STEP-UP CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5725 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP5725 Datasheet HTML 9Page - Diodes Incorporated AP5725 Datasheet HTML 10Page - Diodes Incorporated AP5725 Datasheet HTML 11Page - Diodes Incorporated AP5725 Datasheet HTML 12Page - Diodes Incorporated AP5725 Datasheet HTML 13Page - Diodes Incorporated AP5725 Datasheet HTML 14Page - Diodes Incorporated AP5725 Datasheet HTML 15Page - Diodes Incorporated AP5725 Datasheet HTML 16Page - Diodes Incorporated AP5725 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP5725
WHITE LED STEP-UP CONVERTER
AP5725
Document number: DS31844 Rev. 3 - 2
13 of 17
www.diodes.com
July 2010
© Diodes Incorporated
Ordering Information
Package
AP 5725 XXX G - 7
Packing
7 : Tape & Reel
Green
G : Green
FDC : DFN2020C-6
W : SOT26
WU : TSOT23-6
Device
Package
Code
Packaging
(Note 3)
7” Tape and Reel
Quantity
Part Number Suffix
AP5725WG-7
W
SOT26
3000/Tape & Reel
-7
AP5725WUG-7
WU
TSOT23-6
3000/Tape & Reel
-7
AP5725FDCG-7
FDC
DFN2020C-6
3000/Tape & Reel
-7
Notes:
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1) SOT26 and TSOT23-6
1
2
3
6
4
XX Y WX
XX : Identification Code
Y : Year 0~9
X : A~Z : Green
( Top View )
5
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP5725WG-7
SOT26
FC
AP5725WUG-7
TSOT23-6
GC
(2) DFN2020C-6
( Top View )
XX
Y : Year : 0~9
X : A~Z : Green
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Y W X
Part Number
Package
Identification Code
AP5725FDCG-7
DFN2020C-6
GC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com