Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 70Page - ATMEL Corporation AT90PWM2 Datasheet HTML 71Page - ATMEL Corporation AT90PWM2 Datasheet HTML 72Page - ATMEL Corporation AT90PWM2 Datasheet HTML 73Page - ATMEL Corporation AT90PWM2 Datasheet HTML 74Page - ATMEL Corporation AT90PWM2 Datasheet HTML 75Page - ATMEL Corporation AT90PWM2 Datasheet HTML 76Page - ATMEL Corporation AT90PWM2 Datasheet HTML 77Page - ATMEL Corporation AT90PWM2 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 361 page
background image
74
4317J–AVR–08/10
AT90PWM2/3/2B/3B
ACMP2, Analog Comparator 1 Positive Input. Configure the port pin as input with the internal
pull-up switched off to avoid the digital port function from interfering with the function of the Ana-
log Comparator.
• ADC1/RXD/ICP1/SCK_A – Bit 4
ADC1, Analog to Digital Converter, input channel 1.
RXD, USART Receive Pin. Receive Data (Data input pin for the USART). When the USART
receiver is enabled this pin is configured as an input regardless of the value of DDRD4. When
the USART forces this pin to be an input, a logical one in PORTD4 will turn on the internal pull-
up.
ICP1 – Input Capture Pin1: This pin can act as an input capture pin for Timer/Counter1.
SCK_A: Master Clock output, Slave Clock input pin for SPI channel. When the SPI is enabled as
a slave, this pin is configured as an input regardless of the setting of DDD4. When the SPI is
enabled as a master, the data direction of this pin is controlled by DDD4. When the pin is forced
to be an input, the pull-up can still be controlled by the PORTD4 bit.
• TXD/OC0A/SS/MOSI_A, Bit 3
TXD, UART Transmit pin.
Data output pin for the USART. When the USART Transmitter is
enabled, this pin is configured as an output regardless of the value of DDD3.
OC0A, Output Compare Match A output: This pin can serve as an external output for the
Timer/Counter0 Output Compare A. The pin has to be configured as an output (DDD3 set “one”)
to serve this function. The OC0A pin is also the output pin for the PWM mode
SS: Slave Port Select input. When the SPI is enabled as a slave, this pin is configured as an
input regardless of the setting of DDD3. As a slave, the SPI is activated when this pin is driven
low. When the SPI is enabled as a master, the data direction of this pin is controlled by DDD3.
When the pin is forced to be an input, the pull-up can still be controlled by the PORTD3 bit.
MOSI_A: SPI Master Data output, Slave Data input for SPI channel. When the SPI is enabled as
a slave, this pin is configured as an input regardless of the setting of DDD3 When the SPI is
enabled as a master, the data direction of this pin is controlled by DDD3. When the pin is forced
to be an input, the pull-up can still be controlled by the PORTD3 bit.
• PSCIN2/OC1A/MISO_A, Bit 2
PCSIN2, PSC 2 Digital Input.
OC1A, Output Compare Match A output: This pin can serve as an external output for the
Timer/Counter1 Output Compare A. The pin has to be configured as an output (DDD2 set “one”)
to serve this function. The OC1A pin is also the output pin for the PWM mode timer function.
MISO_A: Master Data input, Slave Data output pin for SPI channel. When the SPI is enabled as
a master, this pin is configured as an input regardless of the setting of DDD2. When the SPI is
enabled as a slave, the data direction of this pin is controlled by DDD2. When the pin is forced to
be an input, the pull-up can still be controlled by the PORTD2 bit.
• PSCIN0/CLKO – Bit 1
PCSIN0, PSC 0 Digital Input.
CLKO, Divided System Clock: The divided system clock can be output on this pin. The divided
system clock will be output if the CKOUT Fuse is programmed, regardless of the PORTD1 and
DDD1 settings. It will also be output during reset.
• PSCOUT00/XCK/SS_A – Bit 0
PSCOUT00: Output 0 of PSC 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com