Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 147 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation AT90PWM2 Datasheet HTML 145Page - ATMEL Corporation AT90PWM2 Datasheet HTML 146Page - ATMEL Corporation AT90PWM2 Datasheet HTML 147Page - ATMEL Corporation AT90PWM2 Datasheet HTML 148Page - ATMEL Corporation AT90PWM2 Datasheet HTML 149Page - ATMEL Corporation AT90PWM2 Datasheet HTML 150Page - ATMEL Corporation AT90PWM2 Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 361 page
background image
147
4317J–AVR–08/10
AT90PWM2/3/2B/3B
If PELEVnx bit set, the significant edge of PSCn Input A or B is rising (edge modes) or the active
level is high (level modes) and vice versa for unset/falling/low
- In 2- or 4-ramp mode, PSCn Input A is taken into account only during Dead-Time0 and On-
Time0 period (respectively Dead-Time1 and On-Time1 for PSCn Input B).
- In 1-ramp-mode PSC Input A or PSC Input B act on the whole ramp.
16.8.4.3
Input Mode Operation
Thanks to 4 configuration bits (PRFM3:0), it’s possible to define the mode of the PSC input. All
Notice: All following examples are given with rising edge or high level active inputs.
Table 16-6.
PSC Input Mode Operation
PRFM3:0
Description
0
0000b
PSCn Input has no action on PSC output
1
0001b
16.9See “PSC Input Mode 1: Stop signal, Jump to Opposite Dead-Time
and Wait” on page 148.
2
0010b
See “PSC Input Mode 2: Stop signal, Execute Opposite Dead-Time and
Wait” on page 149.
3
0011b
See “PSC Input Mode 3: Stop signal, Execute Opposite while Fault
active” on page 150.
4
0100b
See “PSC Input Mode 4: Deactivate outputs without changing timing.” on
page 150.
5
0101b
See “PSC Input Mode 5: Stop signal and Insert Dead-Time” on page 151.
6
0110b
See “PSC Input Mode 6: Stop signal, Jump to Opposite Dead-Time and
Wait.” on page 152.
7
0111b
See “PSC Input Mode 7: Halt PSC and Wait for Software Action” on page
152.
8
1000b
See “PSC Input Mode 8: Edge Retrigger PSC” on page 152.
9
1001b
See “PSC Input Mode 9: Fixed Frequency Edge Retrigger PSC” on page
153.
10
1010b
Reserved : Do not use
11
1011b
12
1100b
13
1101b
14
1110b
See “PSC Input Mode 14: Fixed Frequency Edge Retrigger PSC and
Disactivate Output” on page 154.
15
1111b
Reserved : Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com