Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 314 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 314 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 310Page - ATMEL Corporation AT90PWM2 Datasheet HTML 311Page - ATMEL Corporation AT90PWM2 Datasheet HTML 312Page - ATMEL Corporation AT90PWM2 Datasheet HTML 313Page - ATMEL Corporation AT90PWM2 Datasheet HTML 314Page - ATMEL Corporation AT90PWM2 Datasheet HTML 315Page - ATMEL Corporation AT90PWM2 Datasheet HTML 316Page - ATMEL Corporation AT90PWM2 Datasheet HTML 317Page - ATMEL Corporation AT90PWM2 Datasheet HTML 318Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 361 page
background image
314
4317J–AVR–08/10
AT90PWM2/3/2B/3B
are controlled by the Power Reduction Register. See “Power Reduction Register” on page 42 for
details.
It is possible to calculate the typical current consumption based on the numbers from Table 27-2
for other V
CC and frequency settings than listed in Table 27-1.
27.2.1.1
Example 1
Calculate the expected current consumption in idle mode with USART, TIMER1, and SPI
enabled at V
CC = 3.0V and F = 1MHz. From Table 27-2, third column, we see that we need to
add 18% for the USART, 26% for the SPI, and 11% for the TIMER1 module. Reading from Fig-
ure 27-5
, we find that the idle current consumption is ~0,17mA at V
CC = 3.0V and F = 1MHz. The
total current consumption in idle mode with USART0, TIMER1, and SPI enabled, gives:
27.2.1.2
Example 2
Same conditions as in example 1, but in active mode instead. From Table 27-2, second column
we see that we need to add 3.3% for the USART, 4.8% for the SPI, and 2.0% for the TIMER1
module. Reading from Figure 27-1, we find that the active current consumption is ~0,6mA at V
CC
Table 27-1.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers
VCC = 3V, F = 8MHz
VCC = 5V, F = 16MHz
PRPSC2
350 uA
1.3 mA
PRPSC1
350 uA
1.3 mA
PRPSC0
350 uA
1.3 mA
PRTIM1
300 uA
1.15 mA
PRTIM0
200 uA
0.75 mA
PRSPI
250 uA
0.9 mA
PRUSART
550 uA
2 mA
PRADC
350 uA
1.3 mA
Table 27-2.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock
(see Figure 27-1 and Figure 27-2)
Additional Current consumption
compared to Idle with external clock
(see Figure 27-5 and Figure 27-6)
PRPSC2
10%
25%
PRPSC1
10%
25%
PRPSC0
10%
25%
PRTIM1
8.5%
22%
PRTIM0
4.3%
11%
PRSPI
5.3%
14%
PRUSART
15.6
36
PRADC
10.5%
25%
ICCtotal
0.17
mA
10.360.220.14
+++
()
•
0.29
mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com