Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 356 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 356 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 352Page - ATMEL Corporation AT90PWM2 Datasheet HTML 353Page - ATMEL Corporation AT90PWM2 Datasheet HTML 354Page - ATMEL Corporation AT90PWM2 Datasheet HTML 355Page - ATMEL Corporation AT90PWM2 Datasheet HTML 356Page - ATMEL Corporation AT90PWM2 Datasheet HTML 357Page - ATMEL Corporation AT90PWM2 Datasheet HTML 358Page - ATMEL Corporation AT90PWM2 Datasheet HTML 359Page - ATMEL Corporation AT90PWM2 Datasheet HTML 360Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 361 page
background image
iii
4317J–AVR–08/10
AT90PWM2/3/2B/3B
15.2
Accessing 16-bit Registers 104
15.3
Timer/Counter Clock Sources 107
15.4
Counter Unit 108
15.5
Input Capture Unit 109
15.6
Output Compare Units 110
15.7
Compare Match Output Unit 112
15.8
Modes of Operation 113
15.9
Timer/Counter Timing Diagrams 121
15.10
16-bit Timer/Counter Register Description 122
16
Power Stage Controller – (PSC0, PSC1 & PSC2) 129
16.1
Features 129
16.2
Overview 129
16.3
PSC Description 130
16.4
Signal Description 132
16.5
Functional Description 134
16.6
Update of Values 139
16.7
Enhanced Resolution 139
16.8
PSC Inputs 143
16.9
PSC Input Mode 1: Stop signal, Jump to Opposite Dead-Time and Wait 148
16.10
PSC Input Mode 2: Stop signal, Execute Opposite Dead-Time and Wait 149
16.11
PSC Input Mode 3: Stop signal, Execute Opposite while Fault active 150
16.12
PSC Input Mode 4: Deactivate outputs without changing timing. 150
16.13
PSC Input Mode 5: Stop signal and Insert Dead-Time 151
16.14
PSC Input Mode 6: Stop signal, Jump to Opposite Dead-Time and Wait. 152
16.15
PSC Input Mode 7: Halt PSC and Wait for Software Action 152
16.16
PSC Input Mode 8: Edge Retrigger PSC 152
16.17
PSC Input Mode 9: Fixed Frequency Edge Retrigger PSC 153
16.18
PSC Input Mode 14: Fixed Frequency Edge Retrigger PSC and Disactivate Out-
put 154
16.19
PSC2 Outputs 157
16.20
Analog Synchronization 157
16.21
Interrupt Handling 158
16.22
PSC Synchronization 158
16.23
PSC Clock Sources 159
16.24
Interrupts 160
16.25
PSC Register Definition 161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com