Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC624 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC624
Description  LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC624 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC624 Datasheet HTML 6Page - Semtech Corporation SC624 Datasheet HTML 7Page - Semtech Corporation SC624 Datasheet HTML 8Page - Semtech Corporation SC624 Datasheet HTML 9Page - Semtech Corporation SC624 Datasheet HTML 10Page - Semtech Corporation SC624 Datasheet HTML 11Page - Semtech Corporation SC624 Datasheet HTML 12Page - Semtech Corporation SC624 Datasheet HTML 13Page - Semtech Corporation SC624 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SC624
10
Pin Descriptions
Pin #
Pin Name
Pin Function
1
C2-
Negative connection to bucket capacitor 2 — requires a 1μF capacitor connected to C2+
2
PGND
Ground pin for high current charge pump
3
NC
Unused pin — do not terminate
4
BL1
Current sink output for main backlight LED 1
— leave this pin open if unused
5
BL2
Current sink output for main backlight LED 2
— leave this pin open if unused
6
BL3
Current sink output for main backlight LED 3
— leave this pin open if unused
7
BL4
Current sink output for main backlight LED 4
— leave this pin open if unused
8
AGND
Analog ground pin
— connect to ground and separate from PGND current
9
GREF
Ground reference
— connect to ground
10
NC
Unused pin — do not terminate
11
SWIF
SemWire single wire interface pin — used to enable/disable the device and to
set up all internal registers (refer to Register Map and SemWire Interface sections)
12
NC
Unused pin — do not terminate
13
BYP
Bypass pin for voltage reference — connect with a 22nF capacitor to AGND
14
LDO2
Output of LDO2
— connect with a 1μF capacitor to AGND
15
LDO1
Output of LDO1 — connect with a 1μF capacitor to AGND
16
VOUT
Charge pump output — all LED anode pins should be connected to this
pin — requires a 2.2μF capacitor to PGND
17
C2+
Positive connection to bucket capacitor 2 — requires a 1μF capacitor connected to C2-
18
C1+
Positive connection to bucket capacitor 1 — requires a 1μF capacitor connected to C1-
19
VIN
Battery voltage input
— connect with a 1μF capacitor to PGND
20
C1-
Negative connection to bucket capacitor 1 — requires a 1μF capacitor connected to C1+
T
THERMAL PAD
Thermal pad for heatsinking purposes
— connect to ground plane using multiple
vias
— not connected internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com