Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC820_1 Datasheet HTML 9Page - Semtech Corporation SC820_1 Datasheet HTML 10Page - Semtech Corporation SC820_1 Datasheet HTML 11Page - Semtech Corporation SC820_1 Datasheet HTML 12Page - Semtech Corporation SC820_1 Datasheet HTML 13Page - Semtech Corporation SC820_1 Datasheet HTML 14Page - Semtech Corporation SC820_1 Datasheet HTML 15Page - Semtech Corporation SC820_1 Datasheet HTML 16Page - Semtech Corporation SC820_1 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SC820
13
includes the uncertainty due to 1% tolerance resistors.
The dots on each plot indicate the currents obtained with
the Electronic Industries Association (EIA) E96 standard
value 1% tolerance resistors. Figures 1a and 1b show low
and high resistance ranges, respectively.
Pre-charge Mode
This mode is automatically enabled when the battery
voltage is below the pre-charge threshold voltage (VT
PreQ),
typically 2.9V. Pre-charge current conditions the battery
for fast charging. The pre-charge current value is fixed at
20% nominally of the fast-charge current for the selected
input. The fast-charge current is programmed by the
resistance between IPRGM and GND for the VAD input,
and by the resistance between IPUSB and GND for the
VUSB input.
Pre-charge current regulation accuracy is dominated by
offset error. The range of expected pre-charge output
current versus programming resistance is shown in Figures
2a and 2b. The figures show the nominal pre-charge
current versus nominal resistance as the center plot and
two theoretical limit plots indicating maximum and
minimum current versus nominal programming resis-
tance. These plots are derived from models of the
expected worst-case contribution of error sources
depending on programmed current. The current range
includes the uncertainty due to 1% tolerance resistors.
The dots on each plot indicate the currents obtained with
the Electronic Industries Association (EIA) E96 standard
Applications Information (continued)
value 1% tolerance resistors. Figures 2a and 2b show low
and high resistance ranges, respectively.
Termination
When the battery voltage reaches V
CV
, the SC820 transi-
tions from constant current regulation to constant
voltage regulation. While V
BAT
is regulated to V
CV
, the
current into the battery decreases as the battery becomes
fully charged. When the output current drops below the
termination threshold current, charging terminates.
Upon termination, the STATB pin open drain output turns
off and the charger either enters monitor state or float-
charges the battery, depending on the logical state of the
ENB input pin.
The termination threshold current is fixed at 10% of the
VAD input fast-charge current, as programmed by the
resistance between IPRGM and GND. The IPRGM pin
resistance determines the termination threshold current
regardless of whether the selected charging input is VAD
or VUSB.
Charger output current is the sum of the battery charge
current and the system load current. Battery charge
current changes gradually, and establishes a slowly
diminishing lower bound on the output current while
charging in CV mode. The load current into a typical
digital system is highly transient in nature. Charge cycle
termination is detected when the sum of the battery
charging current and the greatest load current occurring
Figure 2a — Pre-charge Current Tolerance versus
Programming Resistance, Low Resistance Range
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
R
IPRGM
or R
IPUSB
(kΩ), R-tol = 1%
Figure 2b — Pre-charge Current Tolerance versus
Programming Resistance, High Resistance Range
7
8
9
10
11121314
15161718
19202122
232425
26272829
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
R
IPRGM
or R
IPUSB
(kΩ), R-tol = 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com