Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC824EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC824EVB
Description  Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC824EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC824EVB Datasheet HTML 9Page - Semtech Corporation SC824EVB Datasheet HTML 10Page - Semtech Corporation SC824EVB Datasheet HTML 11Page - Semtech Corporation SC824EVB Datasheet HTML 12Page - Semtech Corporation SC824EVB Datasheet HTML 13Page - Semtech Corporation SC824EVB Datasheet HTML 14Page - Semtech Corporation SC824EVB Datasheet HTML 15Page - Semtech Corporation SC824EVB Datasheet HTML 16Page - Semtech Corporation SC824EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SC824
13
Applications Information (continued)
1000
R
V
I
IPRGM
Typ
_
IPRGM
FQ
The nominal fast charge current can be programmed to
any value between 70mA and 1000mA.
Current regulation accuracy is dominated by gain error at
high current settings, and offset error at low current set-
tings. The range of expected fast-charge output current
versus programming resistance R
IPRGM
is shown in Figures
1a and 1b. Each figure shows the nominal fast-charge
current versus nominal R
IPRGM
resistance as the center plot,
and two theoretical limit plots indicating maximum and
minimum current versus nominal programming resis-
tance. These plots are derived from models of the
expected worst-case contribution of error sources
depending on programmed current. The current range
includes the uncertainty due to 1% tolerance resistors.
The dots on each plot indicate the currents obtained with
the Electronic Industries Association (EIA) E96 standard
value 1% tolerance resistors. Figures 1a and 1b show low
and high resistance ranges, respectively. The USB low
power mode fast-charge current accuracy is exactly like
that of pre-charge in high power mode. USB low power
mode current regulation accuracy is described in the next
section.
Pre-charge and USB Low Power Mode Fast-
charge Current Regulation
Pre-charging is automatically selected when the battery
voltage is below the pre-charge threshold voltage (VT
PreQ).
Pre-charge current conditions the battery for fast charg-
ing. The pre-charge current value is fixed at 20% of the
programmed fast-charge current. Note that USB low
power mode pre-charge current is equal to USB low
power mode fast-charge current.
Pre-charge current regulation accuracy is dominated by
offset error. The range of expected pre-charge output
current versus programming resistance R
IPRGM
is shown in
Figures 2a and 2b. Each figure shows the nominal pre-
charge current versus nominal R
IPRGM
resistance as the
center plot and two theoretical limit plots indicating
maximum and minimum current versus nominal pro-
gramming resistance. These plots are derived from
models of the expected worst-case contribution of error
sources depending on programmed current. The current
range includes the uncertainty due to 1% tolerance resis-
tors. The dots on each plot indicate the currents obtained
with EIA E96 standard value 1% tolerance resistors.
Figures 2a and 2b show low and high resistance ranges,
respectively.
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
R
IPRGM (k
Ω), R-tol = 1%
Figure 1a — Fast-charge Current Tolerance versus
Programming Resistance, Low Resistance Range
7
8
9
10 1112 1314 1516 17 1819 2021 2223 2425 26 2728 29
50
75
100
125
150
175
200
225
250
275
300
325
R
IPRGM (k
Ω), R-tol = 1%
Figure 1b — Fast-charge Current Tolerance versus
Programming Resistance, High Resistance Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com