Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5264LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5264LS
Description  Inverter Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5264LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5264LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC5264LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC5264LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC5264LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5264LS
No.5287–3/4
0
8
4
12
16
20
24
28
30
32
0
20
40
60
80
100
120
140
160
PC -- Tc
IT03894
SW Time -- IC
IT03889
Forward Bias A S O
IT03891
Reverse Bias A S O
IT03892
0
0.4
0.8
1.2
1.6
2.4
2.0
0
20
40
60
80
100
120
140
160
PC -- Ta
IT03893
2
1.0
0.1
3
7
5
2
3
5
0.1
1.0
37
52
3
7
52
3
7
5
VBE(sat) -- IC
IT03888
2
3
5
2
3
7
5
7
5
1.0
0.1
0.1
23
7
5
1.0
7
23
5
7
IC / IB=5
VCC=200V
IC / IB1=5, IB2 / IB1=2
R load
tstg
tf
10
23
5
7
23
5
7
100
23
5
7
2
3
5
7
2
3
5
7
2
3
5
7
10
1.0
0.1
2
PT<50µs
P
C =30W
Tc=25
°C
Single pulse
2
2
3
5
7
2
3
5
7
10
1.0
0.1
22
35
7
57
100
1000
120°C
25°C
Ta= --40°C
SW Time -- IB2
IT03890
2
3
7
5
2
3
7
5
7
5
1.0
10
0.1
0.1
23
7
5
1.0
7
23
VCC=200V
IC=2.5A, IB1=0.5A
R load
tstg
tf
ICP=10A
IC=5A
Tc=25
°C
IB2= --1A
L=200
µH, Single pulse
Collector Current, IC –A
Collector Current, IC –A
Base Current, IB2 –A
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Ambient Temperature, Ta –
°C
No
heat
sink
Case Temperature, Tc –
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com