Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5299 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5299
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5299 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5299 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5299 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5299 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC5299
Ordering number : EN5293
Ultrahigh-Definition CRT Display
Horizontal Deflection Output Applications
NPN Triple Diffused Planar Silicon Transistor
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
11697YK (KOTO) TA-0588 No.5293-1/3
Package Dimensions
unit: mm
2039C-TO3PML
[2SC5299]
SANYO: TO3PML
1 : Base
2 : Collector
3 : Emitter
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1500
V
Collector-to-Emitter Voltage
VCEO
800
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
10
A
Collector Current (Pulse)
ICP
25
A
Collector Dissipation
PC
3.0
W
Tc=25°C
70
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0
10
µA
Collector Cutoff Current
ICES
VCE=1500V, RBE=0
1.0
mA
Collector Sustain Voltage
VCEO(SUS)
IC=100mA, IB=0
800
V
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
1.0
mA
C-E Saturation Voltage
VCE(sat)
IC=8A, IB=2A
5
V
B-E Saturation Voltage
VBE(sat)
IC=8A, IB=2A
1.5
V
DC Current Gain
hFE(1)
VCE=5V, IC=1A
20
30
hFE(2)
VCE=5V, IC=8A
4
7
Storage Time
tstg
IC=6A, IB1=1.2A, IB2=–2.4A
3.0
µs
Fall Time
tf
IC=6A, IB1=1.2A, IB2=–2.4A
0.1
0.2
µs
Features
• High Speed : tf=100ns typ.
• High Breakdown voltage : VCBO=1500V.
• High reliability (Adoption of HVP process).
• Adoption of MBIT process.


Similar Part No. - 2SC5299

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC5299 SAVANTIC-2SC5299 Datasheet
210Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5299 JMNIC-2SC5299 Datasheet
84Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5299 ISC-2SC5299 Datasheet
184Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5299 SAVANTIC-2SC5299 Datasheet
212Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC5299 NJSEMI-2SC5299 Datasheet
126Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5299

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7994 SANYO-TS7994 Datasheet
37Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5811 SANYO-2SC5811 Datasheet
40Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5689 SANYO-2SC5689 Datasheet
29Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5453 SANYO-2SC5453 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5681 SANYO-2SC5681 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TT2062 SANYO-TT2062 Datasheet
481Kb / 4P
ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC5639 SANYO-2SC5639 Datasheet
45Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com