Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100CT Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part # MBR20100CT
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20100CT Datasheet(HTML) 3 Page - Sirectifier Global Corp.

  MBR20100CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR20100CT Datasheet HTML 2Page - Sirectifier Global Corp. MBR20100CT Datasheet HTML 3Page - Sirectifier Global Corp. MBR20100CT Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3
7. Safe Handling and Storage Method
▲ Handling: Mask or dust respirator (avoid inhalation of powder).
▲ Storage: Store in warehouse and keep at 0 ~ 70℃
▲ Expiration: 3 years
8. Exposure Controls/ Personal Protection
Project control: Install ventilation blower.
Individual prevention:
▲ Breath protection: Ordinary Mask.
▲ Hand protection: Clothes glove
▲ Eye protection: Goggles
▲ Skin and body protection: Wear protective gloves and clean body-covering clothing.
Health measure: No information available.
9. Physical and Chemical Properties
State of matter: Solid
Shape: Tablets.
Color: Black
Smell: Not applicable.
pH value: Not applicable.
Boiling point/ boiling point scope: Not applicable.
Decomposition temperature: No information.
Dodges the fire point: No information
Test method: No data.
Natural temperature: No information.
Detonation boundary: No data.
Steams the barometric pressure: No data.
Vapor density: No data.
Density: Not applicable.
Solubility: Not applicable.
10. Stability and Reactivity
Stability: Stable under ordinary conditions of use and storage.
Under the special condition possibly harms responded: Hazardous polymerization will not occur.
Conditions to avoid: Heat, flame, ignition sources, dust and incompatibles.
Materials to avoid: Addition of amine under uncontrolled condition.
Harm resolvent: HBr(>380℃), Complete combustion will emit carbon dioxide and water when
heated to decomposition. Incomplete combustion gives in addition carbon monoxide and oxidation
products, including phenols and aldehydes.
Sirectifier Global Corp., Delaware, U.S.A.
Sales Representatives:
U.S.A. -
Center in the City of Newark,
e-mail: sgc@sirectsemi.com
113 Barksdale Professional
China -
Room.708,Building,23,Fenherili
Garden Renmingnan Rd.,
e-mail: silicontek@ic37.com
Taiwan -
5F, NO. 316, Chongyang Rd.,
Nangang Chiu, Taipei, Taiwan
e-mail: se@sirectsemi.com
Rd., Huaykwang, Bangkok
10310, Thailand
29/123 F.8 Siam Condo. Rama 9
e-mail: th@sirectsemi.com
Thailand -
www.sirectsemi.com
County of New Castle, Delaware
Longhua district, Shenzhen



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com