Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB340L Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # SB340L
Description  Power Schottky Rectifier - 3Amp 40~100Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB340L Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  SB340L Datasheet HTML 1Page - Sirectifier Global Corp. SB340L Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 3Amp 40~100Volt
□
Features
-Low forward voltage drop
-High current capability
-High reliability
-High surge current capability
-Epitaxial construction
□
Mechanical data
-Case
:Molded plastic
-Epoxy
:UL 94V-0 rate flame retardant
-Lead
:Axial leads, solderable per MIL-STD-202,method 208 guaranteed
-Polarity
:Color band denotes cathode end
-Mounting position
:Any
-Weight
:1.2 grams
□
Maximum ratings and Electrical characteristics
Parameters
SB340L
SB360L
SB3100L
UNIT
Maximum Recurrent Peak Reverse Voltage
40
60
100
V
Maximum RMS Voltage
28
42
70
V
Maximum DC Blocking Voltage
40
60
100
V
Maximum Average Forward Rectified Current
3
A
Peak Forward Surge Current
80
A
Tc = 25ºC
0.50
0.60
0.78
Maximum Instantaneous Forward
Voltage at 3A
Tc = 125ºC
0.40
0.50
0.62
V
Tc = 25ºC
0.5
0.05
Maximum Average Reverse Current
at Rated DC Blocking Voltage
Tc = 125ºC
20
10
mA
Typical Junction Capacitance
150
pF
Typical Thermal Resistance RθJA
30
ºC/W
Operating and Storage Temperature Range
-50 to +150
-50 to +175
ºC
June 2010 / Rev.6.6
E
L
E
C
T
R
O
N
I
C
SB340L ~ SB3100L


Similar Part No. - SB340L

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SB340L SIRECT-SB340L Datasheet
183Kb / 3P
Power Schottky Rectifier - 3Amp 40~100Volt
logo
Formosa MS
SB340L FORMOSA-SB340L Datasheet
460Kb / 2P
Schottky Barrier Rectifier
logo
Chongqing Pingwei Enter...
SB340L CHONGQING-SB340L Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB340L DYELEC-SB340L Datasheet
529Kb / 2P
3.0 AMP. L O W V F Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SB340L YIXIN-SB340L Datasheet
198Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB340L

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SB320 SIRECT-SB320 Datasheet
213Kb / 2P
Power Schottky Rectifier - 3Amp 20~100Volt
SB340 SIRECT-SB340 Datasheet
226Kb / 2P
Power Schottky Rectifier - 3Amp 40~100Volt
SB340E SIRECT-SB340E Datasheet
227Kb / 2P
Power Schottky Rectifier - 3Amp 40~100Volt
SB340H SIRECT-SB340H Datasheet
227Kb / 2P
Power Schottky Rectifier - 3Amp 40~100Volt
SB340EH SIRECT-SB340EH Datasheet
184Kb / 3P
Power Schottky Rectifier - 3Amp 40~200Volt
SB340ES SIRECT-SB340ES Datasheet
184Kb / 3P
Power Schottky Rectifier - 3Amp 40~200Volt
SB340ESH SIRECT-SB340ESH Datasheet
184Kb / 3P
Power Schottky Rectifier - 3Amp 40~200Volt
SB340H SIRECT-SB340H_10 Datasheet
184Kb / 3P
Power Schottky Rectifier - 3Amp 40~200Volt
SB340L SIRECT-SB340L Datasheet
183Kb / 3P
Power Schottky Rectifier - 3Amp 40~100Volt
SB340LH SIRECT-SB340LH Datasheet
183Kb / 3P
Power Schottky Rectifier - 3Amp 40~100Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com