Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR810D Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # STPR810D
Description  Ultra Fast Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

STPR810D Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  STPR810D Datasheet HTML 1Page - Sirectifier Global Corp. STPR810D Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPR810D thru STPR820D
FEATURES
* Glass passivated chip
* Superfast switching time for high efficiency
* Low forward voltage drop and high current capability
* Low reverse leakage current
* High surge capacity
MECHANICAL DATA
* Case: TO-220AC molded plastic
* Polarity: As marked on the body
* Weight: 0.08 ounces, 2.24 grams
* Mounting position: Any
Dim.
A
B
C
D
E
F
G
H
J
K
L
M
N
Q
Milimeter
Min.
Max.
12.70
14.73
14.23
16.51
9.66
10.66
3.54
4.08
5.85
6.85
2.54
3.42
1.15
1.77
-
6.35
0.64
0.89
4.83
5.33
3.56
4.82
0.38
0.56
2.04
2.49
0.64
1.39
Inches
Min.
Max.
0.500
0.580
0.560
0.650
0.380
0.420
0.139
0.161
2.300
0.420
0.100
0.135
0.045
0.070
-
0.250
0.025
0.035
0.190
0.210
0.140
0.190
0.015
0.022
0.080
0.115
0.025
0.055
Dimensions TO-220AC
STPR810D
STPR820D
VRRM
V
100
200
VRMS
V
70
140
VDC
V
100
200
A=Anode, C=Cathode, TAB=Cathode
C
A
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=120 C
IFSM
Non Repetitive Peak Forward Surge Current
Per Diode Sinusoidal (JEDEC METHOD)
TP=10ms
TP=8.3ms
Maximum Forward Voltage
Pulse Width=300us
Duty Cycle
IF=8A
@TJ=125 C
IF=16A @TJ=125 C
IF=16A @TJ=25 C
VF
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25 C
@TJ=100 C
CJ
Typical Junction Capacitance (Note 1)
TRR
Maximum Reverse Recovery Time (Note 2)
Typical Thermal Resistance
TJ, TSTG
Operating and Storage Temperature Range
Maximum Ratings
8.0
80
90
0.99
1.20
1.25
50
600
80
30
3.0
-55 to +150
A
A
V
Unit
uA
pF
ns
o
o
o
o
o
o
ROJC
C/W
o
C
o
NOTES: 1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
C(TAB)
C
A
Ultra Fast Recovery Diodes


Similar Part No. - STPR810D

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR810D LITEON-STPR810D Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Sirectifier Semiconduct...
STPR810D SIRECTIFIER-STPR810D Datasheet
74Kb / 2P
Ultra Fast Recovery Diodes
logo
Diodes Incorporated
STPR810DB DIODES-STPR810DB Datasheet
64Kb / 2P
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14007 Rev. C-2
logo
Lite-On Technology Corp...
STPR810DB LITEON-STPR810DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Sirectifier Semiconduct...
STPR810DB SIRECTIFIER-STPR810DB Datasheet
76Kb / 2P
Ultra Fast Recovery Diodes
More results

Similar Description - STPR810D

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MUR2960S SIRECT-MUR2960S Datasheet
131Kb / 3P
Ultra Fast Recovery Diodes
MUR6020PT SIRECT-MUR6020PT Datasheet
98Kb / 3P
Ultra Fast Recovery Diodes
MUR6080PT SIRECT-MUR6080PT Datasheet
136Kb / 3P
Ultra Fast Recovery Diodes
MUR60120 SIRECT-MUR60120 Datasheet
85Kb / 3P
Ultra Fast Recovery Diodes
logo
Nanjing International G...
MUR15100 DGNJDZ-MUR15100 Datasheet
137Kb / 3P
Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
MUR1020CT SIRECTIFIER-MUR1020CT Datasheet
259Kb / 2P
Ultra Fast Recovery Diodes
MUR2040C SIRECTIFIER-MUR2040C Datasheet
417Kb / 2P
Ultra Fast Recovery Diodes
MUR3040 SIRECTIFIER-MUR3040_16 Datasheet
337Kb / 3P
Ultra Fast Recovery Diodes
MUR60120 SIRECTIFIER-MUR60120_16 Datasheet
210Kb / 3P
Ultra Fast Recovery Diodes
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com