Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5417 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5417
Description  Inverter Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5417 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5417 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5417 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5417 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5417 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Switching Time Test Circuit
2SC5417
No.5817-2/4
IB1
IB2
VOUT
RC
VCC
IB1
0.1 VOUT
IB2
VOUT
tstg tf
0.9 VOUT
Collector Current,IC – A
Collector Current,IC – A
hFE – I C
Collector-to-Emitter Voltage, VCE – V
I C – VCE
I C – VBE
VCE(sat) – I C
Collector Current,IC – A
Base-to-Emitter Voltage, VBE – V
VBE(sat) – I C
Collector Current,IC – A
SW Time – I C
S
0
0
1
2
3
4
5
6
7
8
9
10
1
2
3
5
4
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
2
3
4
1.0
0.01
0.1
1.0
10
7
2
3
5
100
7
2
3
5
7
2
3
5 7
2
3
5
2
3
5
7
1.0
10
2
3
5
2
3
5
7
7
0.1
2
3
0.01
5
7
0.01
0.1
1.0
7
2
3
5
7
2
3
5
2
3
5
7
0.1
0.01
0.1
1.0
1.0
7
2
3
5
2
3
5
7
10
7
2
3
5 7
2
3
5
2
3
5
7
0.1
1.0
7
2
3
5
7
2
3
5
1.0
10
2
3
5
5
2
3
5
7
7
0.1
7
IB= 0
VCE=5V
VCC= 200V
IC/IB1=5
IB2/ IB1=2
R load
25°C
–40°C
–4
0°C
25
°C
Ta=120°C
tf
tstg
2.0A
0.2A
0.4A
0.6A
0.8A
1.0A
1.2A
1.8A
0.05A
0.1A
1.4A
1.6A
VCE=5V
IC/ IB=5
IC/ IB=5
120°C
Ta=–40
°C
25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com