Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1302FSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1302FSTRT
Description  Dual High Speed Low-Side MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302FSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1302FSTRT Datasheet HTML 5Page - Semtech Corporation SC1302FSTRT Datasheet HTML 6Page - Semtech Corporation SC1302FSTRT Datasheet HTML 7Page - Semtech Corporation SC1302FSTRT Datasheet HTML 8Page - Semtech Corporation SC1302FSTRT Datasheet HTML 9Page - Semtech Corporation SC1302FSTRT Datasheet HTML 10Page - Semtech Corporation SC1302FSTRT Datasheet HTML 11Page - Semtech Corporation SC1302FSTRT Datasheet HTML 12Page - Semtech Corporation SC1302FSTRT Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SC1302A/B/C/D/E/F
10
Outline Drawing — MSOP-8
0°
.010
.004
-
.016
.003
.024
(.037)
-
.000
.030
-
-
-
-
0.25
0.10
8°
0°
-
8°
0.60
(.95)
.032
.009
0.40
0.08
.043
.006
.037
0.75
0.00
-
0.80
0.23
-
0.95
1.10
0.15
-
-
-
3. DIMENSIONS "E1"AND "D"DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
C
e
H
e/2
D
PLANE
DETAIL
.193 BSC
.026 BSC
aaa C
SEATING
ccc C
2X N/2 TIPS
INDICATOR
E/2
PIN 1
2X
8
bbb
C A-B D
SEE DETAIL
A1
A
A2
bxN
D
0.25
A
PLANE
GAGE
.005
E1
12
N
.114
.114
.118
.118
.009
-
8
01
c
(L1)
L
A
0.13
3.00
3.00
4.90 BSC
0.65 BSC
.122
.122
2.90
2.90
.015
0.22
3.10
3.10
0.38
-
REFERENCE JEDEC STD MO-187, VARIATION AA.
4.
DIM
ccc
A1
e
bbb
aaa
01
L1
N
L
D
E1
E
A2
b
c
A
MILLIMETERS
NOM
DIMENSIONS
INCHES
MIN
NOM
MAX
MIN
MAX
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com