Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4211 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4211
Description  Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4211 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4211 Datasheet HTML 1Page - Semtech Corporation SC4211 Datasheet HTML 2Page - Semtech Corporation SC4211 Datasheet HTML 3Page - Semtech Corporation SC4211 Datasheet HTML 4Page - Semtech Corporation SC4211 Datasheet HTML 5Page - Semtech Corporation SC4211 Datasheet HTML 6Page - Semtech Corporation SC4211 Datasheet HTML 7Page - Semtech Corporation SC4211 Datasheet HTML 8Page - Semtech Corporation SC4211 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
 2007 Semtech Corp.
www.semtech.com
SC4211
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in
the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sx
a
Ms
t
i
n
U
D
N
G
o
t
B
F
,
o
V
,
N
E
,
n
i
V
7V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
P
D
d
e
ti
m
i
L
y
ll
a
n
r
e
t
n
IW
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
θ
A
J
6
3W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
θ
C
J
5
.
5W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
T
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
T
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
6
-C
°
)
s
0
3
o
t
s
0
1
(
e
r
u
t
a
r
e
p
m
e
T
w
o
lf
e
R
R
I
k
a
e
P
T
P
0
6
2C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
E
)
2
(
V
D
S
E
2V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
N
I
V
e
g
n
a
R
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
0
4
.
10
.
6
V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
V
N
I
I
,
V
3
.
3
=
O
A
0
=
3
A
m
V
N
I
V
,
V
0
.
6
=
N
E
V
0
=0
1
0
5
A
µ
O
V
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
(
V
O
V
N
I
V
=
O
I
,
V
5
.
0
+
O
A
m
0
1
=%
2
-V
O
%
2
+V
V
,
e
g
a
tl
o
V
d
e
x
i
F
(
B
F
)
0
=
V
0
4
.
1
≤ V
N
I ≤
I
,
V
0
.
6
O
A
m
0
1
=
%
3
-%
3
+
n
o
it
a
l
u
g
e
R
e
n
i
L
)
1
(
G
E
R
)
E
N
I
L
(
I
O
A
m
0
1
=2
.
0
4
.
0
V
/
%
n
o
it
a
l
u
g
e
R
d
a
o
L
)
1
(
G
E
R
)
D
A
O
L
(
I
O
A
1
o
t
A
m
0
1
=5
.
0
5
.
1
V
/
%
e
g
a
tl
o
V
t
u
o
p
o
r
D
)
2
(
)
1
(
V
O
D
I
O
A
m
0
0
5
=0
0
10
5
2V
m
0
0
3
Unless specified: V
EN = VIN, VFB = VO, VIN = 1.40V to 6.0V, IO = 10µA to 1A.
Values in bold apply over the full operating temperature range.
Notes:
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per
JESD51 standards,
(2) Tested according to JEDEC standard JESD22-A114-B.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com