Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1302CIMSTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1302CIMSTRT
Description  Dual High Speed Low-Side MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302CIMSTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1302CIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1302CIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1302CIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1302CIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1302CIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1302CIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1302CIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1302CIMSTRT Datasheet HTML 9Page - Semtech Corporation SC1302CIMSTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SC1302A/B/C/D/E/F
6
Pin Descriptions
Pin #
SC1302A/D SC1302B/E
SC1302C/F
Pin Function
1
EN/NC
EN/NC
EN/NC
Enable/Disable Control — When the EN is driven low, both outputs are low. When
left open, both outputs are low. Enable both drivers by tying EN pin to a voltage
greater than 2V. No connection on versions D, E, and F.
2
INA
INA
INA
TTL compatible input to driver A — When left open, Pin 7 is low.
3
GND
GND
GND
Ground connection
4
INB
INB
INB
TTL compatible input to driver B — When left open, Pin 5 is low.
5
OUTB
OUTB
OUTB
Output gate drive B for external MOSFET
6
VCC
VCC
VCC
Supply: +4.5V to +16.5V supply. During UVLO the outputs are held low.
7
OUTA
OUTA
OUTA
Output gate drive A for external MOSFET
8
SHDN/NC
SHDN/NC
SHDN/NC
Shutdown pin — Apply a voltage from 2V to VCC to enable device. Pull below 0.3V
for low-power shut down. No connection on versions D, E, and F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com