Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2677BEVB-2 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2677BEVB-2
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677BEVB-2 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2677BEVB-2 Datasheet HTML 5Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 6Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 7Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 8Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 9Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 10Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 11Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 12Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677B
Designing for minimum trace length is not the only factor
for best design, often a optimum layout can be achieved
by keeping the wide trace and using proper layer stacking
to minimize the stray inductance.
It is important to keep the gate traces short, the IC must
be close to the power switches. It is recommended to use
at least 25 mil width or wider trace when. A good place-
ment can help if the controller is placed in the middle of
the two PWM channels.
Grounding requirements are always important in a buck
converter layout, especially at high power. Power ground
(PGND) should be returned to the bottom MOSFET source
to provide the best gate current return path. Analog ground
(AGND) should be used for the anaglog returns such as
chip decoupling, frequency setiing, reference voltage (or
soft starting cap), and the compensation.
This AGND shape should be single point connected to the
PGND shape near the ground side of the output capacitors.
This will provide noise free analog ground for operation
stablity, and also provide best possible remote sensing for
the feedback voltage.
In case two output rails need to be regulated, the AGND
shape should single point connected to the geometric cen-
ter of the PGND for the two point of loads. The single
ponit tie is a must to prevent the power current from flow-
ing on the AGND shape, so that the analog circuitry in the
controller has an electrically quiet reference and to pro-
vide the greatest noise free operation. Keep in mind that
the AGND pin is never allowed to have bigger than 1V
voltage difference vs the PGND pin. This usually achiev-
able by using a ground plane for PGND in PCB layout.
Using ground plane for PGND can reduce the physical sepa-
ration between the two grounds, such that even the fast
current transitions in the PGND plane can not generate
voltage spikes exceeding the 1V level, therefore prevent-
ing unstable and erratic behavior from happening.
The feedback divider must be close to the IC and be re-
turned to analog ground. Current sense traces must be
run parallel and close to each other and to analog ground.
Application Information(Cont.)
The IC must have a ceramic decoupling capacitor across
its supply pins, mounted as close to the device as possible.
The small ceramic, noise-filtering capacitors on the cur-
rent sense lines should also be placed as close to the IC as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com