Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5488 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5488
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5488 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5488 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5488 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5488 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5488 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5488
No.6288–3/4
S Parameters (Common emitter)
VCE=5V, IC=7mA, ZO=50Ω
VCE=5V, IC=20mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
16
8
7
.
07
.
0
4
–7
0
5
.
7
13
.
1
5
18
2
0
.
01
.
0
78
9
8
.
04
.
0
2
–
0
0
27
7
6
.
04
.
2
7
–8
9
9
.
3
14
.
1
3
16
4
0
.
00
.
8
59
3
7
.
04
.
3
3
–
0
0
46
4
5
.
07
.
2
1
1
–1
6
0
.
96
.
8
0
14
6
0
.
06
.
9
45
2
5
.
07
.
3
4
–
0
0
62
9
4
.
02
.
5
3
1
–2
4
4
.
61
.
6
96
7
0
.
03
.
9
43
2
4
.
07
.
6
4
–
0
0
83
7
4
.
00
.
0
5
1
–5
0
0
.
53
.
7
87
8
0
.
08
.
0
54
7
3
.
04
.
4
4
–
0
0
0
15
6
4
.
00
.
0
6
1
–3
7
0
.
44
.
0
89
9
0
.
06
.
2
56
4
3
.
07
.
9
4
–
0
0
2
17
5
4
.
05
.
9
6
1
–9
4
4
.
30
.
4
71
1
1
.
00
.
4
52
3
3
.
06
.
1
5
–
0
0
4
11
5
4
.
02
.
6
7
1
–9
8
9
.
26
.
8
64
2
1
.
02
.
5
51
2
3
.
01
.
4
5
–
0
0
6
19
4
4
.
08
.
7
7
18
5
6
.
28
.
3
68
3
1
.
06
.
6
59
1
3
.
02
.
6
5
–
0
0
8
14
5
4
.
05
.
2
7
18
7
3
.
24
.
8
51
5
1
.
07
.
6
53
1
3
.
00
.
0
6
–
0
0
0
20
6
4
.
01
.
7
6
14
5
1
.
20
.
4
56
6
1
.
07
.
6
51
1
3
.
02
.
3
6
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
0
6
.
08
.
5
6
–7
6
9
.
8
21
.
7
3
13
2
0
.
01
.
4
67
5
7
.
09
.
2
3
–
0
0
27
9
4
.
07
.
3
0
1
–9
0
3
.
9
16
.
6
1
15
3
0
.
00
.
7
54
3
5
.
03
.
0
5
–
0
0
45
3
4
.
06
.
9
3
1
–1
9
8
.
0
16
.
8
90
5
0
.
07
.
8
55
4
3
.
03
.
0
5
–
0
0
69
1
4
.
06
.
6
5
1
–1
6
4
.
73
.
9
85
6
0
.
03
.
1
60
8
2
.
07
.
0
5
–
0
0
84
1
4
.
06
.
6
6
1
–5
9
6
.
55
.
2
81
8
0
.
01
.
3
61
5
2
.
03
.
1
5
–
0
0
0
13
1
4
.
00
.
4
7
1
–3
1
6
.
40
.
7
78
9
0
.
08
.
3
65
3
2
.
09
.
2
5
–
0
0
2
13
1
4
.
06
.
8
7
10
7
8
.
38
.
1
74
4
1
.
09
.
3
66
2
2
.
01
.
5
5
–
0
0
4
11
1
4
.
08
.
3
7
15
4
3
.
39
.
6
61
3
1
.
06
.
3
61
2
2
.
07
.
7
5
–
0
0
6
13
1
4
.
06
.
9
6
10
6
9
.
27
.
2
68
4
1
.
02
.
3
60
2
2
.
02
.
0
6
–
0
0
8
16
1
4
.
01
.
5
6
15
5
6
.
20
.
8
55
6
1
.
08
.
1
69
1
2
.
08
.
4
6
–
0
0
0
22
2
4
.
03
.
0
6
16
0
4
.
20
.
4
52
8
1
.
06
.
0
68
1
2
.
03
.
8
6
–
VCE=2V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
8
8
.
02
.
0
3
–0
8
2
.
96
.
8
5
18
3
0
.
06
.
3
79
4
9
.
01
.
5
1
–
0
0
25
1
8
.
04
.
6
5
–8
1
2
.
83
.
1
4
17
6
0
.
05
.
0
69
4
8
.
09
.
6
2
–
0
0
40
9
6
.
00
.
6
9
–4
7
0
.
67
.
6
1
18
9
0
.
01
.
5
47
5
6
.
01
.
1
4
–
0
0
66
1
6
.
07
.
0
2
1
–7
1
5
.
44
.
1
0
12
2
1
.
04
.
8
39
3
5
.
06
.
7
4
–
0
0
84
8
5
.
00
.
8
3
1
–0
1
6
.
34
.
0
90
2
1
.
08
.
5
35
7
4
.
02
.
1
5
–
0
0
0
16
6
5
.
07
.
0
5
1
–5
9
9
.
29
.
1
85
2
1
.
07
.
5
34
3
4
.
05
.
4
5
–
0
0
2
15
5
5
.
02
.
1
6
1
–0
4
5
.
22
.
4
71
3
1
.
05
.
6
30
1
4
.
05
.
7
5
–
0
0
4
16
4
5
.
03
.
9
6
1
–3
1
2
.
25
.
7
67
3
1
.
04
.
8
33
9
3
.
07
.
0
6
–
0
0
6
11
4
5
.
04
.
6
7
1
–2
8
9
.
10
.
2
63
4
1
.
07
.
0
41
9
3
.
00
.
4
6
–
0
0
8
15
4
5
.
01
.
7
7
14
7
7
.
19
.
5
52
5
1
.
05
.
2
42
8
3
.
08
.
7
6
–
0
0
0
27
4
5
.
09
.
0
7
14
1
6
.
19
.
0
53
6
1
.
07
.
4
41
8
3
.
01
.
2
7
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com