Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4603 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4603
Description  Very Low Input, MHz Operation,High Efficiency Synchronous Buck
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4603 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4603_08 Datasheet HTML 8Page - Semtech Corporation SC4603_08 Datasheet HTML 9Page - Semtech Corporation SC4603_08 Datasheet HTML 10Page - Semtech Corporation SC4603_08 Datasheet HTML 11Page - Semtech Corporation SC4603_08 Datasheet HTML 12Page - Semtech Corporation SC4603_08 Datasheet HTML 13Page - Semtech Corporation SC4603_08 Datasheet HTML 14Page - Semtech Corporation SC4603_08 Datasheet HTML 15Page - Semtech Corporation SC4603_08 Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
 2008 Semtech Corp.
www.semtech.com
SC4603
POWER MANAGEMENT
Applications Information - (Cont.)
Layout Guidelines (Cont.)
8. Maximize the trace width of the loop connecting the
inductor, bottom MOSFET and the output capacitors.
9. Connect the ground of the feedback divider and the
compensation components directly to the GND pin
of the SC4603 by using a separate ground trace.
Then connect this pin to the ground of the output
capacitor as close as possible.
Design Example 1: 3.3V to 1.5V @ 5A application with
SC4603 (NH020 footprint).
Figure 5. Schematic for 3.3V/1.5V @ 5A application
VCC
1
SYNC/SLEEP
2
COMP
3
VSENSE
4
FS
5
ISET
6
PHASE
7
GND
8
NDRV
9
PDRV
10
U1
SC4603
R15
1
C3
4.7u
R2
3.32k
C7
150u
C14
33n
R6
1.0
R5
1.0
R9
6.49k
M2
C10
22u
C11
22u
Vo = 1.5V/5A
C4
22u
RT 21k
C1
150p
C2
820p
R1
20k
R3
L1
1.1u
Vin = 3.3V
C9
820p
R8
604
M1
R7
13k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com