Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4603 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4603
Description  Very Low Input, MHz Operation,High Efficiency Synchronous Buck
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4603 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4603 Datasheet HTML 4Page - Semtech Corporation SC4603 Datasheet HTML 5Page - Semtech Corporation SC4603 Datasheet HTML 6Page - Semtech Corporation SC4603 Datasheet HTML 7Page - Semtech Corporation SC4603 Datasheet HTML 8Page - Semtech Corporation SC4603 Datasheet HTML 9Page - Semtech Corporation SC4603 Datasheet HTML 10Page - Semtech Corporation SC4603 Datasheet HTML 11Page - Semtech Corporation SC4603 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
 2008 Semtech Corp.
www.semtech.com
SC4603
POWER MANAGEMENT
Applications Information - (Cont.)
Soft Start
The soft start function is required for step down control-
lers to prevent excess inrush current through the DC bus
during start up. Generally this can be done by sourcing a
controlled current into a timing capacitor and then using
the voltage across this capacitor to slowly ramp up the
error amp reference. The closed loop creates narrow
width driver pulses while the output voltage is low and
allows these pulses to increase to their steady state duty
cycle as the output voltage reaches its regulated value.
With this, the inrush current from the input side is con-
trolled. The duration of the soft start in the SC4603 is
controlled by an internal timing circuit which is used dur-
ing start up and over current to set the hiccup time. The
soft start time can be calculated by:
S
START
_
SOFT
f
1020
T
=
As can be seen here, the soft start time is switching
frequency dependant. For example, if f
s = 600kHz,
T
SOFT_START = 1020/600k = 1.7ms. But if fs = 1MHz,
T
SOFT_START = 1020/1M = 1.02ms.
The SC4603 implements its soft start by ramping up the
error amplifier reference voltage providing a controlled
slew rate of the output voltage, then preventing over-
shoot and limiting inrush current during its start up.....
Over Current Protection
Over current protection for the SC4603 is implemented
by detecting the voltage drop of the high side P-MOSFET
during conduction, also known as high side R
DS(ON) detec-
tion. This loss-less detection eliminates the sense resis-
tor and its loss. The overall efficiency is improved and
the number of components and cost of the converter
are reduced. R
DS(ON) sensing is by default inaccurate and
is mainly used to protect the power supply during a fault
case. The over current trigger point will vary from unit to
unit as the R
DS(ON) of P-MOSFET varies. Even for the same
unit, the over current trigger point will vary as the junc-
tion temperature of P-MOSFET varies. The SC4603 pro-
vides a built-in 50
µA current source, which is combined
with R
SET (connected between VCC and ISET) to determine
the current limit threshold. The value of R
SET can be prop-
erly selected according to the desired current limit point
I
MAX and the internal 50µA pull down current available on
the I
SET pin based on the following expression:
A
50
R
I
R
)
ON
(
DS
MAX
SET
µ
•
=
Kelvin sensing connections should be used at the drain
and source of P-MOSFET.
The R
DS(ON) sensing used in the SC4603 has an addi-
tional feature that enhances the performance of the over
current protection. Because the R
DS(ON) has a positive
temperature coefficient, the 50
µA current source has a
positive coefficient of about 0.3%/C° providing first or-
der correction for current sensing vs temperature. This
compensation depends on the high amount of thermal
transferring that typically exists between the high side P-
MOSFET and the SC4603 due to the compact layout of
the power supply.
When the converter detects an over current condition
(I > I
MAX) as shown in Figure 1, the first action the SC4603
takes is to enter cycle by cycle protection mode (Point B
to Point C), which responds to minor over current cases.
Then the output voltage is monitored. If the over current
and low output voltage (set at 70% of nominal output
voltage) occur at the same time, the Hiccup mode op-
eration (Point C to Point D) of the SC4603 is invoked
and the internal soft start capacitor is discharged. This is
like a typical soft start cycle.
IMA
nom
O
V −
⋅
6875
.
0
nom
O
V −
O
V
O
I
A
B
C
D
Figure 1. Over current protection characteristic of
SC4603
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com