Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS3014SSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMS3014SSS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3014SSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMS3014SSS Datasheet HTML 1Page - Diodes Incorporated DMS3014SSS Datasheet HTML 2Page - Diodes Incorporated DMS3014SSS Datasheet HTML 3Page - Diodes Incorporated DMS3014SSS Datasheet HTML 4Page - Diodes Incorporated DMS3014SSS Datasheet HTML 5Page - Diodes Incorporated DMS3014SSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMS3014SSS
Document number: DS32265 Rev. 3 - 2
4 of 6
www.diodes.com
September 2010
© Diodes Incorporated
DMS3014SSS
0
5
10
15
20
25
30
Fig. 9 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
1,000
10,000
100
Ciss
C
rss
Coss
f = 1MHz
010
20
30
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
Q , OTAL GATE CHARGE (nC)
Fig. 11 Gate-Source Voltage vs. Total Gate Charge
g T
V
= 15V
I = 11.2A
DS
D
0.001
0.01
0.1
1
10
100
Fig. 12 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.0001
1,000
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 75°C/W
θ
θ
JA
JA
P(pk)
t
1
t2
0.001
0.01
0.1
1
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com