Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003 Datasheet(PDF) 2 Page - Littelfuse

Part # SP3003
Description  Low Capacitance ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 Datasheet(HTML) 2 Page - Littelfuse

  SP3003_10 Datasheet HTML 1Page - Littelfuse SP3003_10 Datasheet HTML 2Page - Littelfuse SP3003_10 Datasheet HTML 3Page - Littelfuse SP3003_10 Datasheet HTML 4Page - Littelfuse SP3003_10 Datasheet HTML 5Page - Littelfuse SP3003_10 Datasheet HTML 6Page - Littelfuse SP3003_10 Datasheet HTML 7Page - Littelfuse SP3003_10 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
66
Revised: August 19, 2010
©2010 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
SPA™ Silicon Protection Array Products
Low Capacitance ESD Protection Array
SP3003 Lead-Free/Green Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
2.5
A
T
OP
Operating Temperature
-40 to 85
°C
T
STOR
Storage Temperature
-50 to 150
°C
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-65 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering 10s)
260
°C
Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R ≤ 1μA
6
V
Reverse Leakage Current
I
LEAK
V
R=5V
0.5
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20μs, Fwd
10.0
12.0
V
I
PP=2A, tp=8/20μs, Fwd
11.8
15.0
V
ESD Withstand Voltage1
V
ESD
IEC61000-4-2 (Contact)
±8
kV
IEC61000-4-2 (Air)
±15
kV
Diode Capacitance1
C
Reverse Bias=0V
0.7
0.8
0.95
pF
Reverse Bias=1.65V
0.55
0.65
0.8
pF
Diode Capacitance1
C
I/O-I/O
Reverse Bias=0V
0.35
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com