Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMR8050-B-R005-B-2-A Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # PMR8050-B-R005-B-2-A
Description  Power Metal Low OHM Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

PMR8050-B-R005-B-2-A Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  PMR8050-B-R005-B-2-A Datasheet HTML 1Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-A Datasheet HTML 2Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-A Datasheet HTML 3Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-A Datasheet HTML 4Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-A Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http:// www.sirectsemi.com
□ STANDARD ELECTRICAL SPECIFICATIONS
Model
Power
Rating
(W)
Resistance
Range
(Ω)
RTC
(ppm/
֯
C)
Tolerance
(%)
Dimensions
(mm)
PMR0805
0.125
0.01-0.20
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=2.05mm±0.25mm
W=1.30mm±0.25mm
H=0.35mm±0.15mm
PMR0805
0.25
0.01-0.20
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=2.05mm±0.25mm
W=1.30mm±0.25mm
H=0.35mm±0.15mm
PMR2010
0.5
0.001-0.20
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=5.10mm±0.25mm
W=2.55mm±0.25mm
H=0.65mm±0.15mm
PMR2010
1.0
0.001-0.5
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=5.10mm±0.25mm
W=2.55mm±0.25mm
H=0.65mm±0.15mm
PMR2010
2.0
0.001-0.5
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=5.10mm±0.25mm
W=2.55mm±0.25mm
H=0.65mm±0.15mm
PMR2512
1.0
0.005-0.01
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=6.35mm±0.25mm
W=3.20mm±0.25mm
H=0.65mm±0.15mm
PMR2512
2.0
0.01-0.1
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=6.35mm±0.25mm
W=3.20mm±0.25mm
H=0.65mm±0.15mm
PMR SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com