Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9125 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9125
Description  Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9125 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9125 Datasheet HTML 17Page - Analog Devices AD9125 Datasheet HTML 18Page - Analog Devices AD9125 Datasheet HTML 19Page - Analog Devices AD9125 Datasheet HTML 20Page - Analog Devices AD9125 Datasheet HTML 21Page - Analog Devices AD9125 Datasheet HTML 22Page - Analog Devices AD9125 Datasheet HTML 23Page - Analog Devices AD9125 Datasheet HTML 24Page - Analog Devices AD9125 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AD9125
Rev. 0 | Page 21 of
56
Register Name
Addr
(Hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Compare
Q1 MSBs
0x6F
Compare Value Q1[15:8]
0xAA
SED I LSBs
0x70
Errors detected I_BITS[7:0]
0x00
SED I MSBs
0x71
Errors detected I_BITS[15:8]
0x00
SED Q LSBs
0x72
Errors detected Q_BITS[7:0]
0x00
SED Q MSBs
0x73
Errors detected Q_BITS[15:8]
0x00
Die Revsion
0x7F
Revision[3:0]
0x0C
DEVICE CONFIGURATION REGISTER DESCRIPTIONS
Table 11. Device Configuration Register Descriptions
Register
Name
Address
(Hex)
Bits
Name
Description
Default
Comm
0x00
7
SDIO
SDIO operation.
0
0 = SDIO operates as an input only.
1 = SDIO operates as a bidirectional input/output.
6
LSB_FIRST
Serial port communication LSB or MSB first.
0
0 = MSB first.
1 = LSB first.
5
Reset
1 = device is held in reset when this bit is written high
and is held there until the bit is written low.
0
Power Control
0x01
7
Power-down DAC I
1 = powers down DAC I.
0
6
Power-down DAC Q
1 = powers down DAC Q.
0
5
Power-down data
receiver
1 = powers down the input data receiver.
0
4
Power-down auxiliary
ADC
1 = powers down the auxiliary ADC for temperature
sensor.
0
0
PLL lock status
1 = PLL is locked.
0
Data Format
0x03
7
Binary data format
0 = input data is in twos complement format.
0
1 = input data is in binary format.
6
Q data first
Indicates I/Q data pairing on data input.
0
0 = I data sent to data receiver first.
1 = Q data sent to data receiver first.
5
MSB swap
Swaps the bit order of the data input port.
0
0 = order of the data bits corresponds to the pin
descriptions.
1 = bit designations are swapped; most significant bits
become the least significant bits.
[1:0]
Data bus width
Data receiver interface mode.
0
00 = dual-word mode; 32-bit interface bus width.
01 = word mode; 16-bit interleaved interface bus width.
10 = byte mode; 8-bit interleaved interface bus width.
11 = invalid.
See the CMOS Input Data Ports section for details on
the operation of the different interface modes.
Interrupt Enable 1
0x04
7
Enable PLL lock lost
1 = enables interrupt for PLL lock lost.
0
6
Enable PLL lock
1 = enables interrupt for PLL lock.
0
5
Enable sync signal lost
1 = enables interrupt for sync signal lock lost.
0
4
Enable sync signal lock
1 = enables interrupt for sync signal lock.
0
3
Enable sync phase
locked
1 = enables interrupt for clock generation ready.
0
2
Enable soft FIFO sync
1 = enables interrupt for soft FIFO reset.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com