Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5404 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5404
Description  High Voltage, Latch-up Proof, 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5404 Datasheet HTML 9Page - Analog Devices ADG5404 Datasheet HTML 10Page - Analog Devices ADG5404 Datasheet HTML 11Page - Analog Devices ADG5404 Datasheet HTML 12Page - Analog Devices ADG5404 Datasheet HTML 13Page - Analog Devices ADG5404 Datasheet HTML 14Page - Analog Devices ADG5404 Datasheet HTML 15Page - Analog Devices ADG5404 Datasheet HTML 16Page - Analog Devices ADG5404 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG5404
Rev. 0 | Page 13 of 20
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
5
10
15
20
FREQUENCY (MHz)
LOAD = 1k
Ω
TA = 25°C
VDD = 12V, VSS = 0V, VS = 6V p-p
VDD = 36V, VSS = 0V, VS = 18V p-p
VDD = 15V, VSS = 15V, VS = 15V p-p
VDD = 20V, VSS = 20V, VS = 20V p-p
Figure 22. THD + N vs. Frequency, ±15 V Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com