Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2119ACPZ-2.5-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2119ACPZ-2.5-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2119ACPZ-2.5-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2119ACPZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADP2119ACPZ-2.5-R7 Datasheet HTML 17Page - Analog Devices ADP2119ACPZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADP2119ACPZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADP2119ACPZ-2.5-R7 Datasheet HTML 20Page - Analog Devices ADP2119ACPZ-2.5-R7 Datasheet HTML 21Page - Analog Devices ADP2119ACPZ-2.5-R7 Datasheet HTML 22Page - Analog Devices ADP2119ACPZ-2.5-R7 Datasheet HTML 23Page - Analog Devices ADP2119ACPZ-2.5-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 22 of 24
OUTLINE DIMENSIONS
2.48
2.38
2.23
0.50
0.40
0.30
TOP VIEW
10
1
6
5
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.74
1.64
1.49
0.20 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 59. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Output Current
Temperature Range
Output Voltage
Package Description
Package
Option
Branding
ADP2119ACPZ-R7
2 A
−40°C to +125°C
ADJ
10-Lead LFCSP_WD
CP-10-9
LFL
ADP2119ACPZ-1.0-R7
2 A
−40°C to +125°C
1.0 V
10-Lead LFCSP_WD
CP-10-9
LEV
ADP2119ACPZ-1.2-R7
2 A
−40°C to +125°C
1.2 V
10-Lead LFCSP_WD
CP-10-9
LFK
ADP2119ACPZ-1.5-R7
2 A
−40°C to +125°C
1.5 V
10-Lead LFCSP_WD
CP-10-9
LFM
ADP2119ACPZ-1.8-R7
2 A
−40°C to +125°C
1.8 V
10-Lead LFCSP_WD
CP-10-9
LFN
ADP2119ACPZ-2.5-R7
2 A
−40°C to +125°C
2.5 V
10-Lead LFCSP_WD
CP-10-9
LFP
ADP2119ACPZ-3.3-R7
2 A
−40°C to +125°C
3.3 V
10-Lead LFCSP_WD
CP-10-9
LFR
ADP2120ACPZ-R7
1.25 A
−40°C to +125°C
ADJ
10-Lead LFCSP_WD
CP-10-9
LEW
ADP2120ACPZ-1.0-R7
1.25 A
−40°C to +125°C
1.0 V
10-Lead LFCSP_WD
CP-10-9
LFS
ADP2120ACPZ-1.2-R7
1.25 A
−40°C to +125°C
1.2 V
10-Lead LFCSP_WD
CP-10-9
LFT
ADP2120ACPZ-1.5-R7
1.25 A
−40°C to +125°C
1.5 V
10-Lead LFCSP_WD
CP-10-9
LFU
ADP2120ACPZ-1.8-R7
1.25 A
−40°C to +125°C
1.8 V
10-Lead LFCSP_WD
CP-10-9
LFV
ADP2120ACPZ-2.5-R7
1.25 A
−40°C to +125°C
2.5 V
10-Lead LFCSP_WD
CP-10-9
LFW
ADP2120ACPZ-3.3-R7
1.25 A
−40°C to +125°C
3.3 V
10-Lead LFCSP_WD
CP-10-9
LFX
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com