Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5537 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5537
Description  Low-Voltage, Low-Current High-frequency Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5537 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5537 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5537 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5537 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5537
No.6340–2/3
7
5
3
2
0.1
1.0
7
5
7
5
3
2
2
3
10
100
3
25
10
100
0.1
73
25
7
3
25
7
1.0
Cob -- VCB
f=1MHz
10
8
6
4
2
0
NF -- IC
IT01390
3
2
1.0
57
3
25
7
2
10
IT01386
f T -- IC
IT01387
10
2
2
3
5
5
7
7
3
1.0
f=1GHz
IC=3mA
1mA
NF
S21e
2
IC=1mA
3mA
f=1GHz
VCE=1V
2V
V
CE
=2V
V CE
=2V
1V
0
123
4
5
6
7
1.0
2
2
3
57
2
3
57
10
IT01388
hFE -- IC
14
12
10
8
6
4
2
0
S21e2, NF -- VCE
IT01391
f=1GHz
23
2
53
5
7
7
1.0
14
12
10
8
6
4
2
0
S21e2 -- IC
IT01389
1.0
0.1
3
25
7
57
3
25
3
25
7 10
100
0
60
80
40
20
20
060
40
80
100
140
120
160
PC -- Ta
IT01392
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Emitter Voltage, VCE –V
Ambient Temperature, Ta – ˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com