Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3430ARJZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADR3430ARJZ-R7
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3430ARJZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR3430ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADR3430ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADR3430ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADR3430ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADR3430ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADR3430ARJZ-R7 Datasheet HTML 19Page - Analog Devices ADR3430ARJZ-R7 Datasheet HTML 20Page - Analog Devices ADR3430ARJZ-R7 Datasheet HTML 21Page - Analog Devices ADR3430ARJZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 18 of 24
TERMINOLOGY
Dropout Voltage (VDO)
Dropout voltage, sometimes referred to as supply voltage
headroom or supply-output voltage differential, is defined as
the minimum voltage differential between the input and output
such that the output voltage is maintained to within 0.1%
accuracy.
VDO = (VIN − VOUT)min | IL = constant
Because the dropout voltage depends upon the current passing
through the device, it is always specified for a given load current.
In series-mode devices, dropout voltage typically increases
proportionally to load current (see Figure 8 and Figure 14).
Temperature Coefficient (TCVOUT)
The temperature coefficient relates the change in output voltage
to the change in ambient temperature of the device, as normalized
by the output voltage at 25°C. This parameter is expressed in
ppm/°C and can be determined by the following equation:
]
/
[
10
)
(
)
(
)}
,
,
(
min{
)}
,
,
(
max{
6
1
3
2
3
2
1
3
2
1
C
ppm
T
T
T
V
T
T
T
V
T
T
T
V
TCV
OUT
OUT
OUT
OUT
°
×
−
×
−
=
(1)
where:
VOUT(T) is the output voltage at Temperature T.
T1 = −40°C.
T2 = +25°C.
T3 = +125°C.
This three-point method ensures that TCVOUT accurately
portrays the maximum difference between any of the three
temperatures at which the output voltage of the part is
measured.
The TCVOUT for the ADR3412/ADR3425/ADR3430/ADR3433/
ADR3440/ADR3450 is guaranteed via statistical means. This is
accomplished by recording output voltage data for a large
number of units over temperature, computing TCVOUT for each
individual device via Equation 1, then defining the maximum
TCVOUT limits as the mean TCVOUT for all devices extended by
six standard deviations (6σ).
Thermally Induced Output Voltage Hysteresis (ΔVOUT_HYS)
Thermally induced output voltage hysteresis represents the
change in output voltage after the device is exposed to a
specified temperature cycle. This is expressed as either a shift in
voltage or a difference in ppm from the nominal output.
TC
OUT
OUT
HYS
OUT
V
C
V
V
_
_
)
25
(
−
°
=
Δ
[V]
6
_
_
10
)
25
(
)
25
(
×
°
−
°
=
Δ
C
V
V
C
V
V
OUT
TC
OUT
OUT
HYS
OUT
[ppm]
where:
VOUT(25°C) is the output voltage at 25°C.
VOUT_TC is the output voltage after temperature cycling.
Long-Term Stability (ΔVOUT_LTD)
Long-term stability refers to the shift in output voltage at 50°C
after 1000 hours of operation in a 50°C environment. Ambient
temperature is kept at 50°C to ensure that the temperature
chamber does not switch randomly between heating and cooling,
which can cause instability over the 1000 hour measurement.
This is also expressed as either a shift in voltage or a difference
in ppm from the nominal output.
)
(
)
(
0
1
_
t
V
t
V
V
OUT
OUT
LTD
OUT
−
=
Δ
[V]
6
0
0
1
_
10
)
(
)
(
)
(
×
−
=
Δ
t
V
t
V
t
V
V
OUT
OUT
OUT
LTD
OUT
[ppm]
where:
VOUT(t0) is the VOUT at 50°C at Time 0.
VOUT(t1) is the VOUT at 50°C after 1000 hours of operation
at 50°C.
Line Regulation
Line regulation refers to the change in output voltage in response
to a given change in input voltage and is expressed in percent
per volt, ppm per volt, or μV per volt change in input voltage.
This parameter accounts for the effects of self-heating.
Load Regulation
Load regulation refers to the change in output voltage in
response to a given change in load current and is expressed in
μV per mA, ppm per mA, or ohms of dc output resistance. This
parameter accounts for the effects of self-heating.
Solder Heat Resistance (SHR) Drift
SHR drift refers to the permanent shift in output voltage
induced by exposure to reflow soldering, expressed in units of
ppm. This is caused by changes in the stress exhibited upon the
die by the package materials when exposed to high tempera-
tures. This effect is more pronounced in lead-free soldering
processes due to higher reflow temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com