Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16833B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16833B
Description  High-Voltage HB LED Drivers with Integrated High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16833B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16833B Datasheet HTML 1Page - Maxim Integrated Products MAX16833B Datasheet HTML 2Page - Maxim Integrated Products MAX16833B Datasheet HTML 3Page - Maxim Integrated Products MAX16833B Datasheet HTML 4Page - Maxim Integrated Products MAX16833B Datasheet HTML 5Page - Maxim Integrated Products MAX16833B Datasheet HTML 6Page - Maxim Integrated Products MAX16833B Datasheet HTML 7Page - Maxim Integrated Products MAX16833B Datasheet HTML 8Page - Maxim Integrated Products MAX16833B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2 ______________________________________________________________________________________
High-Voltage HB LED Drivers with
Integrated High-Side Current Sense
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
IN to PGND........................................................... -0.3V to +70V
ISENSE+, ISENSE-, DIMOUT to PGND................ -0.3V to +80V
DIMOUT to ISENSE+...............................................-9V to +0.3V
ISENSE- to ISENSE+ ............................................-0.6V to +0.3V
PGND to SGND....................................................-0.3V to +0.3V
VCC to PGND ..........................................................-0.3V to +9V
NDRV to PGND ........................................ -0.3V to (VCC + 0.3V)
OVP, PWMDIM, COMP, LFRAMP, REF, ICTRL,
RT/SYNC, FLT to SGND ...................................-0.3V to +6.0V
CS to PGND .........................................................-0.3V to +6.0V
Continuous Current on IN ................................................100mA
Peak Current on NDRV ........................................................ Q3A
Continuous Current on NDRV ....................................... Q100mA
Short-Circuit Duration on VCC...................................Continuous
Continuous Power Dissipation (TA = +70NC)
16-Pin TSSOP (derate 26.1mW/NC above +70NC) .....2089mW
Junction-to-Case Thermal Resistance (BJC) (Note 1)
16-Pin TSSOP ............................................................. +3NC/W
Junction-to-Ambient Thermal Resistance (BJA) (Note 1)
16-Pin TSSOP ........................................................ +38.3NC/W
Operating Temperature Range ...................... -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VIN = 12V, RRT = 12.4kI, CIN = CVCC = 1µF, CLFRAMP/CREF = 0.1µF, NDRV = COMP = DIMOUT = PWMDIM = FLT = unconnected,
VOVP = VCS = VPGND = VSGND = 0V, VISENSE+ = VISENSE- = 45V, VICTRL = 1.40V, TA = TJ = -40NC to +125NC, unless otherwise
noted. Typical values are at TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM SPECIFICATIONS
Operational Supply Voltage
VIN
5
65
V
Supply Current
IINQ
PWMDIM = 0, no switching
1.5
2.5
mA
Switching
2.5
4
Undervoltage Lockout (UVLO)
UVLORIN
VIN rising
4.2
4.55
4.85
V
UVLOFIN
VIN falling, IVCC = 35mA
4.05
4.3
4.65
UVLO Hysteresis
250
mV
Startup Delay
tSTART_DELAY During power-up
1024
Clock
Cycles
UVLO Falling Delay
tFALL_DELAY During power-down
3.3
F
s
VCC LDO REGULATOR
Regulator Output Voltage
VCC
0.1mA P IVCC P 50mA, 9V P VIN P 14V
6.75
6.95
7.15
V
14V P VIN P 65V, IVCC = 10mA
Dropout Voltage
VDOVCC
IVCC = 50mA, VIN = 5V
0.15
0.35
V
Short-Circuit Current
IMAXVCC
VCC = 0V, VIN = 5V
55
100
150
mA
OSCILLATOR (RT/SYNC)
Switching Frequency Range
fSW
100
1000
kHz
Bias Voltage at RT/SYNC
VRT
1
V
Maximum Duty Cycle
DMAX
VCS = 0
87.5
88.5
89.5
%
Oscillator Frequency Accuracy
-5
+5
%
Synchronization Logic-High Input
VIH-SYNC
VRT rising
3.8
V
Synchronization Frequency Range
fSYNCIN
1.1fSW
1.7fSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com